Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 99Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 100Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 101Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 102Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 103Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 104Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 105Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 106Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 51 of 1102
REJ09B0294-0100
Instruction
Size
Function
BIOR
B
C
∨ [~ (<bit-No.> of <EAd>)] → C
ORs the carry flag with the inverse of a specified bit in the contents of a
general register or a memory location and stores the result in the carry
flag. The bit number is specified by 3-bit immediate data.
BXOR
B
C
⊕ (<bit-No.> of <EAd>) → C
Exclusive-ORs the carry flag with a specified bit in the contents of a
general register or a memory location and stores the result in the carry
flag. The bit number is specified by 3-bit immediate data.
BIXOR
B
C
⊕ [~ (<bit-No.> of <EAd>)] → C
Exclusive-ORs the carry flag with the inverse of a specified bit in the
contents of a general register or a memory location and stores the result
in the carry flag. The bit number is specified by 3-bit immediate data.
BLD
B
(<bit-No.> of <EAd>)
→ C
Transfers a specified bit in the contents of a general register or a memory
location to the carry flag. The bit number is specified by 3-bit immediate
data.
BILD
B
~ (<bit-No.> of <EAd>)
→ C
Transfers the inverse of a specified bit in the contents of a general
register or a memory location to the carry flag. The bit number is specified
by 3-bit immediate data.
BST
B
C
→ (<bit-No.> of <EAd>)
Transfers the carry flag value to a specified bit in the contents of a
general register or a memory location. The bit number is specified by 3-bit
immediate data.
BSTZ
B
Z
→ (<bit-No.> of <EAd>)
Transfers the zero flag value to a specified bit in the contents of a
memory location. The bit number is specified by 3-bit immediate data.
BIST
B
∼ C → (<bit-No.> of <EAd>)
Transfers the inverse of the carry flag value to a specified bit in the
contents of a general register or a memory location. The bit number is
specified by 3-bit immediate data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com