Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 1020 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1020 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1016Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1017Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1018Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1019Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1020Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1021Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1022Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1023Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1024Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1020 / 1158 page
background image
Section 22 Clock Pulse Generator
Rev.1.00 Jun. 07, 2006 Page 968 of 1102
REJ09B0294-0100
External
clock
One cycle (worst case)
after the bus cycle completion
Operating clock
specified in SCKCR
Operating clock changed
I
φ
CPU
CPU
CPU
Bus master
Figure 22.9 Clock Modification Timing
22.6.2
Notes on Resonator
Since various characteristics related to the resonator are closely linked to the user's board design,
thorough evaluation is necessary on the user's part, using the resonator connection examples
shown in this section as a reference. As the parameters for the resonator will depend on the
floating capacitance of the resonator and the mounting circuit, the parameters should be
determined in consultation with the resonator manufacturer. The design must ensure that a voltage
exceeding the maximum rating is not applied to the resonator pin.
22.6.3
Notes on Board Design
When using the crystal resonator, place the crystal resonator and its load capacitors as close to the
XTAL and EXTAL pins as possible. Other signal lines should be routed away from the oscillation
circuit as shown in Figure 22.10 to prevent induction from interfering with correct oscillation.
CL2
Signal A Signal B
CL1
This LSI
XTAL
EXTAL
Inhibited
Figure 22.10 Note on Board Design for Oscillation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com