Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 920 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 920 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 916Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 917Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 918Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 919Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 920Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 921Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 922Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 923Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 924Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 920 / 1158 page
background image
Section 19 D/A Converter
Rev.1.00 Jun. 07, 2006 Page 868 of 1102
REJ09B0294-0100
19.2
Input/Output Pins
Table 19.1 shows the pin configuration of the D/A converter.
Table 19.1
Pin Configuration
Pin Name
Symbol
I/O
Function
Analog power supply pin
AVCC
Input
Analog block power supply
Analog ground pin
AVSS
Input
Analog block ground
Reference voltage pin
Vref
Input
D/A conversion reference voltage
Analog output pin 0
DA0
Output
Channel 0 analog output
Analog output pin 1
DA1
Output
Channel 1 analog output
19.3
Register Descriptions
The D/A converter has the following registers.
• D/A data register 0 (DADR0)
• D/A data register 1 (DADR1)
• D/A control register 01 (DACR01)
19.3.1
D/A Data Registers 0 and 1 (DADR0 and DADR1)
DADR0 and DADR1 are 8-bit readable/writable registers that store data to which D/A conversion
is to be performed. Whenever an analog output is enabled, the values in DADR are converted and
output to the analog output pins.
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
0
R/W
1
0
R/W
0
0
R/W
Bit
Bit Name
Initial Value
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com