Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 893 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 893 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 889Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 890Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 891Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 892Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 893Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 894Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 895Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 896Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 897Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 893 / 1158 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev.1.00 Jun. 07, 2006 Page 841 of 1102
REJ09B0294-0100
17.4.5
Slave Receive Operation
In slave receive mode, the master device outputs the transmit clock and the transmit data, and the
slave device returns an acknowledge signal. Figures 17.11 and 17.12 show the operation timings
in slave receive mode. The reception procedure and operations in slave receive mode are described
below.
1. Set the ICR bit in the corresponding register to 1. Then, set the ICE bit in ICCRA to 1. Set the
ACKBT bit in ICIER and perform other initial settings. Set the MST and TRS bits in ICCRA
to select slave receive mode and wait until the slave address matches.
2. When the slave address matches in the first frame following detection of the start condition,
the slave address outputs the level specified by ACKBT in ICIER to SDA, at the rising of the
ninth clock pulse. At the same time, RDRF in ICSR is set to read ICDRR (dummy read).
(Since the read data shows the slave address and R/
W, it is not used).
3. Read ICDRR every time RDRF is set. If the eighth clock pulse falls while RDRF is 1, SCL is
fixed to a low level until ICDRR is read. The change of the acknowledge (ACKBT) setting
before reading ICDRR to be returned to the master device is reflected in the next transmit
frame.
4. The last byte data is read by reading ICDRR.
SDA
(Master output)
SCL
(Slave output)
SDA
(Slave output)
ICDRS
ICDRR
12
1
34
56
78
9
9
A
A
SCL
(Master output)
Data 2
Data 1
RDRF
Data 1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
User
processing
[2] Read ICDRR (dummy read)
[2] Read ICDRR
Figure 17.11 Slave Receive Mode Operation Timing 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com