| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 860 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 860 Page - Renesas Technology Corp |
|
860 / 1158 page ![]() Section 16 USB Function Module (USB) Rev.1.00 Jun. 07, 2006 Page 808 of 1102 REJ09B0294-0100 16.7.3 Automatic Stall by USB Function Module When a stall setting is made with the Set Feature command, or in the event of a USB specification violation, the USB function module automatically sets the internal status bit for the relevant endpoint without regard to the EPSTL register, and returns a stall handshake (1-1 in figure 16.19). Once an internal status bit is set, it remains set until cleared by a Clear Feature command from the host, without regard to the EPSTL register. After a bit is cleared by the Clear Feature command, EPSTL is referenced (3-1 in figure 16.19). The USB function module continues to return a stall handshake while the internal status bit is set, since the internal status bit is set even if a transaction is executed for the corresponding endpoint (2-1 and 2-2 in figure 16.19). To clear a stall, therefore, the internal status bit must be cleared with a Clear Feature command (3-1 in figure 16.19). If set by the application, EPSTL should also be cleared (2-1 in figure 16.19). (1) Transition from normal operation to stall (1-1) (2) When transaction is performed when internal status bit is set, and Clear Feature is sent (2-1) STALL handshake Transaction request STALL handshake (2-2) Clear Feature command (3) When Clear Feature is sent before transaction is performed (3-1) 1. In case of USB specification violation, etc., USB function module stalls endpoint automatically 1. Transmission of STALL handshake 1. Internal status bit cleared to 0 2. EPSTL not changed 1. EPSTL cleared to 0 by application 2. IN/OUT token received from host 3. Internal status bit already set to 1 4. EPSTL not referenced 5. Internal status bit not changed Normal status restored Internal status bit 0 → 1 EPSTL 0 Internal status bit 1 EPSTL 0 Internal status bit 1 EPSTL 0 Internal status bit 1 → 0 EPSTL 0 Stall status maintained To (2-1) or (3-1) Figure 16.19 Automatic Stall by USB Function Module |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |