| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 844 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 844 Page - Renesas Technology Corp |
|
844 / 1158 page ![]() Section 16 USB Function Module (USB) Rev.1.00 Jun. 07, 2006 Page 792 of 1102 REJ09B0294-0100 (3) Transition from Suspend State to Software Standby Mode and Canceling Software Standby Mode If the USB bus enters from the suspend state to software standby mode, perform the operation as shown in figure 16.6. When canceling software standby mode, ensure enough time for the system clock oscillation to be settled. Transition from suspend state to software standby mode (1) (2) (3) (4) (5) (6) (7) Detect that USB bus is in suspend state Set SURSF in IFR2 to 1 USBINTN interrupt Clear SURSF in IFR2 to 0 Check if SURSS in IFR2 is set to 1 Clear SURSF in IER2 to 0 Set SSRSME in IER2 to 1 Shift to software standby mode (execute SLEEP instruction) Stop all clocks of LSI Canceling software standby mode Detect that USB bus is in resume state RESUME interrupt Cancel software standby mode Wait for system clock oscillation to be settled Clear SURSF in IFR2 to 0 Check if SURSS in IFR2 is cleared to 0 Set SURSF in IER2 to 1 Clear SSRSME in IER2 to 0 USB communications can be resumed through USB registers Denotation of figures : Operation by firmware setting : Automatic operation by LSI hardware (8) (9) (10) (11) (12) Figure 16.6 Flow of Transition to and Canceling Software Standby Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |