Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 783 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 783 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 779Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 780Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 781Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 782Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 783Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 784Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 785Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 786Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 787Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 783 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 731 of 1102
REJ09B0294-0100
Initialization
Read data from RDR and
clear RDRF flag in SSR to 0
Clear RE bit in SCR to 0
Start reception
Start
Error processing
No
No
No
Yes
Yes
ORER = 0
and PER = 0?
RDRF = 1?
All data received?
Yes
Figure 15.33 Sample Reception Flowchart
15.7.8
Clock Output Control
Clock output can be fixed using the CKE1 and CKE0 bits in SCR when the GM bit in SMR is set
to 1. Specifically, the minimum width of a clock pulse can be specified.
Figure 15.34 shows an example of clock output fixing timing when the CKE0 bit is controlled
with GM = 1 and CKE1 = 0.
Given pulse width
SCK
CKE0
Given pulse width
Figure 15.34 Clock Output Fixing Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com