Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 768 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 768 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 764Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 765Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 766Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 767Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 768Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 769Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 770Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 771Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 772Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 768 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 716 of 1102
REJ09B0294-0100
15.6.2
SCI Initialization (Clocked Synchronous Mode) (SCI_0, 1, 2, and 4 only)
Before transmitting and receiving data, first clear the TE and RE bits in SCR to 0, then initialize
the SCI as described in a sample flowchart in figure 15.18. When the operating mode, transfer
format, etc., is changed, the TE and RE bits must be cleared to 0 before making the change. When
the TE bit is cleared to 0, the TDRE flag is set to 1. However, clearing the RE bit to 0 does not
initialize the RDRF, PER, FER, and ORER flags, or RDR.
Wait
<Transfer start>
Start initialization
Set data transfer format in
SMR and SCMR
No
Yes
Set value in BRR
Set corresponding bit in ICR to 1
[2]
[3]
Set TE or RE bit in SCR to 1, and
set RIE, TIE, TEIE, and MPIE bits
[5]
1-bit interval elapsed?
Set CKE1 and CKE0 bits in SCR
(TE and RE bits are 0)
[1]
[1]
Set the bit in ICR for the corresponding
pin when receiving data or using an
external clock.
[2] Set the clock selection in SCR. Be sure
to clear bits RIE, TIE, TEIE, and MPIE,
and bits TE and RE, to 0.
[3] Set the data transfer format in SMR and
SCMR.
[4] Write a value corresponding to the bit
rate to BRR. This step is not necessary
if an external clock is used.
[5] Wait at least one bit interval, then set
the TE bit or RE bit in SCR to 1.
Also set the RIE, TIE TEIE, and MPIE
bits. Setting the TE and RE bits enables
the TxD and RxD pins to be used.
Note: In simultaneous transmit and receive operations, the TE and RE bits should both
be cleared to 0 or set to 1 simultaneously.
Clear TE and RE bits in SCR to 0
[4]
Figure 15.18 Sample SCI Initialization Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com