Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 751 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 751 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 747Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 748Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 749Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 750Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 751Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 752Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 753Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 754Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 755Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 751 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 699 of 1102
REJ09B0294-0100
15.4.1
Data Transfer Format
Table 15.11 shows the data transfer formats that can be used in asynchronous mode. Any of 12
transfer formats can be selected according to the SMR setting. For details on the multiprocessor
bit, see section 15.5, Multiprocessor Communication Function.
Table 15.11 Serial Transfer Formats (Asynchronous Mode)
S
8-bit data
STOP
S
7-bit data
STOP
S
8-bit data
STOP STOP
S
8-bit data
P
STOP
S
7-bit data
STOP
P
S
8-bit data
MPB STOP
S
8-bit data
MPB STOP STOP
S
7-bit data
STOP
MPB
S
7-bit data
STOP
MPB
STOP
S
7-bit data
STOP
STOP
SMR Settings
123456789
10
11
12
Serial Transfer Format and Frame Length
STOP
S
8-bit data
P
STOP
S
7-bit data
STOP
P
STOP
CHR
PE
MP
STOP
00
0
0
00
0
1
01
0
0
01
0
1
10
0
0
10
0
1
11
0
0
11
0
1
0–
1
0
0–
1
1
1–
1
0
1–
1
1
[Legend]
S:
Start bit
STOP: Stop bit
P:
Parity bit
MPB:
Multiprocessor bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com