Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 679 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 679 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 675Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 676Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 677Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 678Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 679Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 680Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 681Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 682Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 683Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 679 / 1158 page
background image
Section 12 8-Bit Timers (TMR)
Rev.1.00 Jun. 07, 2006 Page 627 of 1102
REJ09B0294-0100
12.5.4
Timing of Counter Clear by Compare Match
TCNT is cleared when compare match A or B occurs, depending on the settings of the bits
CCLR1 and CCLR0 in TCR. Figure 12.11 shows the timing of this operation.
P
φ
N
H'00
Compare match
signal
TCNT
Figure 12.11 Timing of Counter Clear by Compare Match
12.5.5
Timing of TCNT External Reset*
TCNT is cleared at the rising edge or high level of an external reset input, depending on the
settings of bits CCLR1 and CCLR0 in TCR. The clear pulse width must be at least 2 states. Figure
12.12 and Figure 12.13 shows the timing of this operation.
Note: * Clearing by an external reset is available only in units 0 and 1.
P
φ
Clear signal
External reset
input pin
TCNT
N
H'00
N – 1
Figure 12.12 Timing of Clearance by External Reset (Rising Edge)
P
φ
Clear signal
External reset
input pin
TCNT
N
H'00
N – 1
Figure 12.13 Timing of Clearance by External Reset (High Level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com