| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 657 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 657 Page - Renesas Technology Corp |
|
657 / 1158 page ![]() Section 12 8-Bit Timers (TMR) Rev.1.00 Jun. 07, 2006 Page 605 of 1102 REJ09B0294-0100 Section 12 8-Bit Timers (TMR) This LSI has four units (unit 0 to unit 3) of an on-chip 8-bit timer module that comprise two 8-bit counter channels, totaling eight channels. The 8-bit timer module can be used to count external events and also be used as a multifunction timer in a variety of applications, such as generation of counter reset, interrupt requests, and pulse output with a desired duty cycle using a compare-match signal with two registers. Figures 12.1 to 12.4 show block diagrams of the 8-bit timer module (unit 0 to unit 3). This section describes unit 0 (channels 0 and 1) and unit 2 (channels 4 and 5), both of which have the same functions. Unit2 and unit 3 can generate baud rate clock for SCI and have the same functions. 12.1 Features • Selection of seven clock sources The counters can be driven by one of six internal clock signals (P φ/2, Pφ/8, Pφ/32, Pφ/64, P φ/1024, or Pφ/8192) or an external clock input (only internal clock available in units 2 and 3: P φ, Pφ/2, Pφ/8, Pφ/32, Pφ/64, Pφ/1024, and Pφ/8192). • Selection of three ways to clear the counters The counters can be cleared on compare match A or B, or by an external reset signal. (This is available only in unit 0 and unit 1.) • Timer output control by a combination of two compare match signals The timer output signal in each channel is controlled by a combination of two independent compare match signals, enabling the timer to output pulses with a desired duty cycle or PWM output. • Cascading of two channels Operation as a 16-bit timer is possible, using TMR_0 for the upper 8 bits and TMR_1 for the lower 8 bits (16-bit count mode). TMR_1 can be used to count TMR_0 compare matches (compare match count mode). • Three interrupt sources Compare match A, compare match B, and overflow interrupts can be requested independently. (This is available only in unit 0 and unit 1.) • Generation of trigger to start A/D converter conversion (available in unit 0 and unit 1 only) • Capable of generating baud rate clock for SCI_5 and SCI_6. (This is available only in unit 2 and unit 3). For details, see section 15, Serial Communication Interface (SCI, IrDA, CRC). • Module stop state specifiable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |