Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 646 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 646 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 642Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 643Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 644Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 645Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 646Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 647Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 648Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 649Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 650Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 646 / 1158 page
background image
Section 11 Programmable Pulse Generator (PPG)
Rev.1.00 Jun. 07, 2006 Page 594 of 1102
REJ09B0294-0100
11.4
Operation
Figure 11.2 shows a schematic diagram of the PPG. PPG pulse output is enabled when the
corresponding bits in NDER are set to 1. An initial output value is determined by its
corresponding PODR initial setting. When the compare match event specified by PCR occurs, the
corresponding NDR bit contents are transferred to PODR to update the output values. Sequential
output of data of up to 16 bits is possible by writing new output data to NDR before the next
compare match.
Output trigger signal
Pulse output pin
Internal data bus
Normal output/inverted output
C
PODR
QD
NDER
Q
NDR
QD
Figure 11.2 Schematic Diagram of PPG
11.4.1
Output Timing
If pulse output is enabled, the NDR contents are transferred to PODR and output when the
specified compare match event occurs. Figure 11.3 shows the timing of these operations for the
case of normal output in groups 2 and 3, triggered by compare match A.
TCNT
N
N + 1
P
φ
TGRA
N
Compare match
A signal
NDRH
mn
PODRH
PO8 to PO15
n
m
n
Figure 11.3 Timing of Transfer and Output of NDR Contents (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com