| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 587 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 587 Page - Renesas Technology Corp |
|
587 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 535 of 1102 REJ09B0294-0100 10.3.8 Timer Start Register (TSTR) TSTR starts or stops operation for channels 0 to 5. When setting the operating mode in TMDR or setting the count clock in TCR, first stop the TCNT counter. 7 0 R/W 6 0 R/W 5 CST5 0 R/W 4 CST4 0 R/W 3 CST3 0 R/W 2 CST2 0 R/W 1 CST1 0 R/W 0 CST0 0 R/W Bit Bit Name Initial Value R/W Bit Bit Name Initial value R/W Description 7, 6 All 0 R/W Reserved These bits are always read as 0. The write value should always be 0. 5 4 3 2 1 0 CST5 CST4 CST3 CST2 CST1 CST0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W Counter Start 5 to 0 These bits select operation or stoppage for TCNT. If 0 is written to the CST bit during operation with the TIOC pin designated for output, the counter stops but the TIOC pin output compare output level is retained. If TIOR is written to when the CST bit is cleared to 0, the pin output level will be changed to the set initial output value. 0: TCNT_5 to TCNT_0 count operation is stopped 1: TCNT_5 to TCNT_0 performs count operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |