Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 479 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 479 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 475Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 476Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 477Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 478Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 479Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 480Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 481Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 482Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 483Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 1158 page
background image
Section 8 Data Transfer Controller (DTC)
Rev.1.00 Jun. 07, 2006 Page 427 of 1102
REJ09B0294-0100
8.8
Interrupt Sources
An interrupt request is issued to the CPU when the DTC finishes the specified number of data
transfers or a data transfer for which the DISEL bit was set to 1. In the case of interrupt activation,
the interrupt set as the activation source is generated. These interrupts to the CPU are subject to
CPU mask level and priority level control in the interrupt controller.
8.9
Usage Notes
8.9.1
Module Stop State Setting
Operation of the DTC can be disabled or enabled using the module stop control register. The
initial setting is for operation of the DTC to be enabled. Register access is disabled by setting the
module stop state. The module stop state cannot be set while the DTC is activated. For details,
refer to section 23, Power-Down Modes.
8.9.2
On-Chip RAM
Transfer information can be located in on-chip RAM. In this case, the RAME bit in SYSCR must
not be cleared to 0.
8.9.3
DMAC Transfer End Interrupt
When the DTC is activated by a DMAC transfer end interrupt, the DTE bit of DMDR is not
controlled by the DTC but its value is modified with the write data regardless of the transfer
counter value and DISEL bit setting. Accordingly, even if the DTC transfer counter value
becomes 0, no interrupt request may be sent to the CPU in some cases.
8.9.4
DTCE Bit Setting
For DTCE bit setting, use bit manipulation instructions such as BSET and BCLR. If all interrupts
are disabled, multiple activation sources can be set at one time (only at the initial setting) by
writing data after executing a dummy read on the relevant register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com