| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 439 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 439 Page - Renesas Technology Corp |
|
439 / 1158 page ![]() Section 7 DMA Controller (DMAC) Rev.1.00 Jun. 07, 2006 Page 387 of 1102 REJ09B0294-0100 (6) Transfer End by NMI Interrupt When an NMI interrupt is requested, the DTE bits for all the channels are cleared to 0 and the ERRF bit in DMDR_0 is set to 1. When an NMI interrupt is requested during a DMA transfer, the transfer is forced to stop. To perform DMA transfer after an NMI interrupt is requested, clear the ERRF bit to 0 and then set the DTE bits for the channels to 1. The transfer end timings after an NMI interrupt is requested are shown below. (a) Normal Transfer Mode and Repeat Transfer Mode In dual address mode, a DMA transfer is completed after completion of the write cycle for one transfer unit. In single address mode, a DMA transfer is completed after completion of the bus cycle for one transfer unit. (b) Block Transfer Mode A DMA transfer is forced to stop. Since a 1-block size of transfers is not completed, operation is not guaranteed. In dual address mode, the write cycle corresponding to the read cycle is performed. This is similar to (a) in normal transfer mode. (7) Transfer End by Address Error When an address error occurs, the DTE bits for all the channels are cleared to 0 and the ERRF bit in DMDR_0 is set to 1. When an address error occurs during a DMA transfer, the transfer is forced to stop. To perform a DMA transfer after an address error occurs, clear the ERRF bit to 0 and then set the DTE bits for the channels. The transfer end timing after an address error is the same as that after an NMI interrupt. (8) Transfer End by Hardware Standby Mode or Reset The DMAC is initialized by a reset and a transition to the hardware standby mode. A DMA transfer is not guaranteed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |