Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 407Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 408Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 409Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 410Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 411Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 412Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 413Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 414Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 359 of 1102
REJ09B0294-0100
7.5.6
Address Update Function using Offset
The source and destination addresses are updated by fixing, increment/decrement by 1, 2, or 4, or
offset addition. When the offset addition is selected, the offset specified by the offset register
(DOFR) is added to the address every time the DMAC transfers the data access size of data. This
function realizes a data transfer where addresses are allocated to separated areas.
Figure 7.17 shows the address update method.
±0
+ offset
±1, 2, or 4
Address not
updated
Data access size
added to or subtracted
from address (addresses
are continuous)
Offset is added to address
(addresses are not
continuous)
(a) Address fixed
(b) Increment or decrement
by 1, 2, or 4
(c) Offset addition
External memory
External memory
External memory
Figure 7.17 Address Update Method
In item (a), Address fixed, the transfer source or destination address is not updated indicating the
same address.
In item (b), Increment or decrement by 1, 2, or 4, the transfer source or destination address is
incremented or decremented by the value according to the data access size at each transfer. Byte,
word, or longword can be specified as the data access size. The value of 1 for byte, 2 for word, and
4 for longword is used for updating the address. This operation realizes the data transfer placed in
consecutive areas.
In item (c), Offset addition, the address update does not depend on the data access size. The offset
specified by DOFR is added to the address every time the DMAC transfers data of the data access
size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com