| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 394 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 394 Page - Renesas Technology Corp |
|
394 / 1158 page ![]() Section 7 DMA Controller (DMAC) Rev.1.00 Jun. 07, 2006 Page 342 of 1102 REJ09B0294-0100 7.3.8 DMA Module Request Select Register (DMRSR) DMRSR is an 8-bit readable/writable register that specifies the on-chip module interrupt source. The vector number of the interrupt source is specified in eight bits. However, 0 is regarded as no interrupt source. For the vector numbers of the interrupt sources, refer to table 7.5. 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 0 R/W 0 0 R/W 2 0 R/W 1 0 R/W Bit Bit Name Initial Value R/W 7.4 Transfer Modes Table 7.4 shows the DMAC transfer modes. The transfer modes can be specified to the individual channels. Table 7.4 Transfer Modes Address Register Address Mode Transfer mode Activation Source Common Function Source Destina- tion Dual address • Normal transfer • Repeat transfer • Block transfer Repeat or block size = 1 to 65,536 bytes, 1 to 65,536 words, or 1 to 65,536 longwords • Auto request (activated by CPU) • On-chip module interrupt • External request • Total transfer size: 1 to 4 Gbytes or not specified • Offset addition • Extended repeat area function DSAR DDAR Single address • Instead of specifying the source or destination address registers, data is directly transferred from/to the external device using the DACK pin • The same settings as above are available other than address register setting (e.g., above transfer modes can be specified) • One transfer can be performed in one bus cycle (the types of transfer modes are the same as those of dual address modes) DSAR/ DACK DACK/ DDAR |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |