Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 104Page - Renesas Technology Corp R8C/20 Datasheet HTML 105Page - Renesas Technology Corp R8C/20 Datasheet HTML 106Page - Renesas Technology Corp R8C/20 Datasheet HTML 107Page - Renesas Technology Corp R8C/20 Datasheet HTML 108Page - Renesas Technology Corp R8C/20 Datasheet HTML 109Page - Renesas Technology Corp R8C/20 Datasheet HTML 110Page - Renesas Technology Corp R8C/20 Datasheet HTML 111Page - Renesas Technology Corp R8C/20 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 501 page
background image
R8C/20 Group, R8C/21 Group
12. Interrupts
Rev.2.00 Aug 27, 2008
Page 92 of 458
REJ09B0250-0200
12.1.6
Interrupt Control
The following describes enable/disable the maskable interrupts and set the priority order to acknowledge. The
contents explained does not apply to the nonmaskable interrupts.
Use the I flag in the FLG register, IPL and the ILVL2 to ILVL0 bits in each interrupt control register to enable/
disable the maskable interrupts. Whether an interrupt is requested is indicated by the IR bit in each interrupt
control register.
Figure 12.3 shows the Interrupt Control Register, Figure 12.4 shows Registers TRD0IC, TRD1IC, SSUIC, and
IICIC and Figure 12.5 shows the Registers INT0IC to INT3IC.
Figure 12.3
Interrupt Control Register
Interrupt Control Register
(2)
Symbol
Address
After Reset
TREIC
004Ah
XXXXX000b
KUPIC
004Dh
XXXXX000b
ADIC
004Eh
XXXXX000b
S0TIC
0051h
XXXXX000b
S0RIC
0052h
XXXXX000b
S1TIC
0053h
XXXXX000b
S1RIC
0054h
XXXXX000b
TRAIC
0056h
XXXXX000b
TRBIC
0058h
XXXXX000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. Rew rite the interrupt control register, rew rite it w hen the interrupt request w hich is applicable for its register is not
generated. Refer to 12.6.5 Changing Interrupt Control Register Contents.
b7 b6 b5 b4 b3 b2 b1 b0
ILVL0
RW
Interrupt priority level select bits
b2 b1 b0
0 0 0 : Level 0 (interrupt disable)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
ILVL1
RW
ILVL2
RW
IR
Interrupt request bit
0 : Requests no interrupt
1 : Requests interrupt
RW(1)
—
(b7-b4)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is indeterminate.
Only 0 can be w ritten to the IR bit. Do not w rite 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com