Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 459 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 455Page - Renesas Technology Corp R8C/20 Datasheet HTML 456Page - Renesas Technology Corp R8C/20 Datasheet HTML 457Page - Renesas Technology Corp R8C/20 Datasheet HTML 458Page - Renesas Technology Corp R8C/20 Datasheet HTML 459Page - Renesas Technology Corp R8C/20 Datasheet HTML 460Page - Renesas Technology Corp R8C/20 Datasheet HTML 461Page - Renesas Technology Corp R8C/20 Datasheet HTML 462Page - Renesas Technology Corp R8C/20 Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 501 page
background image
R8C/20 Group, R8C/21 Group
21. Usage Notes
Rev.2.00 Aug 27, 2008
Page 443 of 458
REJ09B0250-0200
21.3.4
Notes on Timer RE
21.3.4.1
Starting and Stopping Count
Timer RE has the TSTART bit for instructing count start or stop, and the TCSTF bit which indicates count start
or stop. The TSTART and TCSTF bits are in the TRECR1 register.
Timer RE starts counting when setting the TSTART bit to 1 (count starts) and the TCSTF bit is set to 1 (count
starts). It takes the time for up to 2 cycles of the count source until the TCSTF bit is set to 1 after setting the
TSTART bit to 1. During this time, do not access registers associated with Timer RE(1) other than the TCSTF
bit.
Also, timer RE stops counting when setting the TSTART bit to 0 (count stops) and the TCSTF bit is set to 0
(count stops). It takes the time for up to 2 cycles of the count source until the TCSTF bit is set to 0 after setting
the TSTART bit to 0. During this time, do not access registers associated with timer RE other than the TCSTF
bit.
NOTE:
1. Registers associated with Timer RE:TRESEC, TREMIN, TRECR1, TRECR2, TRECSR
21.3.4.2
Register Setting
Write to the following registers or bits while timer RE stops.
• TRESEC and TRECR2 registers
• The INT bit in TRECR1 register
• RCS0 to RCS2 bits in TRECSR register
The state while Timer RE stops is indicated as the state where the TSTART and TCSTF bits in the TRECR1
register are set to 0 (timer RE stops).
Also, set all above-mentioned registers and bits (immediately before timer RE count starts) before setting the
TRECR2 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com