Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 456 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 452Page - Renesas Technology Corp R8C/20 Datasheet HTML 453Page - Renesas Technology Corp R8C/20 Datasheet HTML 454Page - Renesas Technology Corp R8C/20 Datasheet HTML 455Page - Renesas Technology Corp R8C/20 Datasheet HTML 456Page - Renesas Technology Corp R8C/20 Datasheet HTML 457Page - Renesas Technology Corp R8C/20 Datasheet HTML 458Page - Renesas Technology Corp R8C/20 Datasheet HTML 459Page - Renesas Technology Corp R8C/20 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 501 page
background image
R8C/20 Group, R8C/21 Group
21. Usage Notes
Rev.2.00 Aug 27, 2008
Page 440 of 458
REJ09B0250-0200
• The TRD1 register counts the order of 1, 0, FFFFh, 0, 1 when changing from decrement to increment.
The UDF bit is set to 1 by the order of 1, 0, FFFFh operation. Also, when the CMD1 to CMD0 bits in the
TRDFCR register are set to 10b (complementary PWM mode, buffer data transferred by the underflow in
the TRD1 register), the content in the buffer register (TRDGRD0, TRDGRC1, TRDGRD1) is transferred
to the general register (TRDGRB0, TRDGRA1, TRDGRB1). For the order of FFFFh, 0, 1 operation, data
are not transferred to the register such as the TRDGRB0 register. Also, at this time, the OVF bit remains
unchanged.
Figure 21.5
Operation When TRD1 Register Underflows in Complementary PWM Mode
No change
UDF bit in
TRDSR0 register
Transferred from
buffer register
TRDGRB0 register
TRDGRA1 register
TRDGRB1 register
Count value in TRD0
register
Set to 0 by a program
Not transferred from buffer register
When the CMD1 to CMD0 bits in the
TRDFCR register are set to 10b.
(Transfer from the buffer register to the
general register when the TRD1 register
underflows)
OVF bit in
TRDSR0 register
FFFFh
1
0
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com