Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 451Page - Renesas Technology Corp R8C/20 Datasheet HTML 452Page - Renesas Technology Corp R8C/20 Datasheet HTML 453Page - Renesas Technology Corp R8C/20 Datasheet HTML 454Page - Renesas Technology Corp R8C/20 Datasheet HTML 455Page - Renesas Technology Corp R8C/20 Datasheet HTML 456Page - Renesas Technology Corp R8C/20 Datasheet HTML 457Page - Renesas Technology Corp R8C/20 Datasheet HTML 458Page - Renesas Technology Corp R8C/20 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 501 page
background image
R8C/20 Group, R8C/21 Group
21. Usage Notes
Rev.2.00 Aug 27, 2008
Page 439 of 458
REJ09B0250-0200
• When the value in the TRDGRA0 register is assumed as m, the TRD0 register counts order of m - 1, m, m
+ 1, m, m - 1 when changing from increment to decrement.
When changing from m to m + 1, the IMFA bit is set to 1. Also, the CMD1 to CMD0 bits in the TRDFCR
register are set to 11b (complementary PWM mode, buffer data transferred by the compare match in the
TRD0 and TRDGRA0 registers), the content in the buffer register (TRDGRD0, TRDGRC1, TRDGRD1) is
transferred to the general register (TRDGRB0, TRDGRA1, TRDGRB1).
For the order of m + 1, m, m - 1 operation, the IMFA bit remains unchanged and data are not transferred to
the register such as the TRDGRA0 register.
Figure 21.4
Operation at Compare Match between Registers TRD0 and TRDGRA0 in
Complementary PWM Mode
No change
IMFA bit in
TRDSR0 register
Transferred from
buffer register
TRDGRB0 register
TRDGRA1 register
TRDGRB1 register
Count value in TRD0
register
Setting value in
TRDGRA0
register
m
m + 1
Set to 0 by a program
Not transferred from buffer register
When the CMD1 to CMD0 bits in the
TRDFCR register are set to 11b.
(Transfer from the buffer register to the
general register at the compare match
of the TRD0 register and TRDGRA0
register)
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com