Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 457Page - Renesas Technology Corp R8C/20 Datasheet HTML 458Page - Renesas Technology Corp R8C/20 Datasheet HTML 459Page - Renesas Technology Corp R8C/20 Datasheet HTML 460Page - Renesas Technology Corp R8C/20 Datasheet HTML 461Page - Renesas Technology Corp R8C/20 Datasheet HTML 462Page - Renesas Technology Corp R8C/20 Datasheet HTML 463Page - Renesas Technology Corp R8C/20 Datasheet HTML 464Page - Renesas Technology Corp R8C/20 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 501 page
background image
R8C/20 Group, R8C/21 Group
21. Usage Notes
Rev.2.00 Aug 27, 2008
Page 445 of 458
REJ09B0250-0200
21.5
Clock Synchronous Serial Interface
21.5.1
Notes on Clock Synchronous Serial I/O with Chip Select
Set the IICSEL bit in the PMR register to 0 (select clock synchronous serial I/O with chip select function) to use
the clock synchronous serial I/O with chip select.
21.5.2
Notes on I2C Bus Interface
Set the IICSEL bit in the PMR register to 1 (select I2C bus interface function) to use I2C bus interface.
21.5.2.1
Multimaster Operation
The following actions must be performed to use the I2C bus interface in multimaster operation.
• Transfer rate
Set the transfer rate by 1/1.8 or faster than the fastest rate of the other masters. For example, if the fastest
transfer rate of the other masters is set to 400 kbps, the I2C-bus transfer rate in this MCU should be set to
223 kbps (= 400/1.18) or more.
• Bits MST and TRS in the ICCR1 register setting
(a) Use the MOV instruction to set bits MST and TRS.
(b) When arbitration is lost, confirm the contents of bits MST and TRS. If the contents are other than the
MST bit set to 0 and the TRS bit set to 0 (slave receive mode), set the MST bit to 0 and the TRS bit to 0
again.
21.5.2.2
Master Receive Mode
Either of the following actions must be performed to use the I2C bus interface in master receive mode.
(a) In master receive mode while the RDRF bit in the ICSR register is set to 1, read the ICDRR register
before the rising edge of the 8th clock.
(b) In master receive mode, set the RCVD bit in the ICCR1 register to 1 (disables the next receive
operation) to perform 1-byte communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com