| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 465 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 465 Page - Renesas Technology Corp |
|
465 / 501 page ![]() R8C/20 Group, R8C/21 Group 21. Usage Notes Rev.2.00 Aug 27, 2008 Page 449 of 458 REJ09B0250-0200 NOTES: 1. Do not use the address match interrupt while the command is executed because the vector of the address match interrupt is allocated on ROM. 2. Do not use the non-maskable interrupt while block 0 is automatically erased because the fixed vector is allocated block 0. 21.8.1.4 How to Access Write 0 to the corresponding bits before writing 1 when setting the FMR01, FMR02, or FMR11 bit to 1. Do not generate an interrupt between writing 0 and 1. 21.8.1.5 Rewriting User ROM Area In EW0 mode, if the power supply voltage drops while rewriting any block in which the rewrite control program is stored, the flash memory may not be able to be rewritten because the rewrite control program cannot be rewritten correctly. In this case, use standard serial I/O mode. 21.8.1.6 Program Do not write additions to the already programmed address. Table 21.3 EW1 Mode Interrupts Mode Status When Maskable Interrupt Request is Acknowledged When Watchdog Timer, Oscillation Stop Detection and Voltage Monitor 2 Interrupt Request are Acknowledged EW1 During automatic erasing (erase- suspend function is enabled) The auto-erasing is suspended after td(SR-SUS) and the interrupt process is executed. The auto-erasing can be restarted by setting the FMR41 bit in the FMR4 register to 0 (erase restart) after the interrupt process completes. Once an interrupt request is acknowledged, the auto- programming or auto-erasing is forcibly stopped immediately and resets the flash memory. An interrupt process starts after the fixed period and the flash memory restarts. Since the block during the auto-erasing or the address during the auto- programming is forcibly stopped, the normal value may not be read. Execute the auto-erasing again and ensure the auto-erasing is completed normally. Since the watchdog timer does not stop during the command operation, the interrupt request may be generated. Reset the watchdog timer regularly using the erase-suspend function. During automatic erasing (erase- suspend function is disabled) The auto-erasing has a priority and the interrupt request acknowledgement is waited. The interrupt process is executed after the auto-erasing completes. During automatic programming (program suspend function enabled) The auto-programming is suspended after td(SR-SUS) and the interrupt process is executed. The auto- programming can be restarted by setting the FMR42 bit in the FMR4 register to 0 (program restart) after the interrupt process completes. Auto programming (program suspend function disabled) The auto-programming has a priority and the interrupt request acknowledgement is waited. The interrupt process is executed after the auto- programming completes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |