Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 374Page - Renesas Technology Corp R8C/20 Datasheet HTML 375Page - Renesas Technology Corp R8C/20 Datasheet HTML 376Page - Renesas Technology Corp R8C/20 Datasheet HTML 377Page - Renesas Technology Corp R8C/20 Datasheet HTML 378Page - Renesas Technology Corp R8C/20 Datasheet HTML 379Page - Renesas Technology Corp R8C/20 Datasheet HTML 380Page - Renesas Technology Corp R8C/20 Datasheet HTML 381Page - Renesas Technology Corp R8C/20 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 501 page
background image
R8C/20 Group, R8C/21 Group
18. A/D Converter
Rev.2.00 Aug 27, 2008
Page 362 of 458
REJ09B0250-0200
Figure 18.2
ADCON0 Register
A/D Control Register 0
(1)
Symbol
Address
After Reset
ADCON0
00D6h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
ADGSEL0 = 0
ADGSEL0 = 1
AN0
AN1
AN2
AN3
AN4
AN8
AN5
AN9
AN6
AN10
AN7
AN11
100b
101b
110b
111b
CH2 to CH0
000b
Do not set
001b
010b
011b
Set øAD frequency to 10 MHz or below .
The analog input pin can be select according to a combination of the CH0 to CH2 bits and the ADGSEL0 bit.
CKS0
Frequency select bit 0
[When CKS1 in ADCON1 register = 0]
0 : Select f4
1 : Select f2
[When CKS1 in ADCON1 register = 1]
0 : Select f1(3)
1 : Select fOCO-F
RW
If the ADCON0 register is rew ritten during A/D conversion, the conversion result is indeterminate.
When changing A/D operation mode, set the analog input pin again.
ADST
A/D conversion start flag
0 : Disables A/D conversion
1 : Starts A/D conversion
RW
ADCAP
A/D conversion automatic
start bit
0 : Starts in softw are trigger (ADST bit)
1 : Starts in timer RD
(complementary PWM mode)
RW
0 : On-shot mode
1 : Repeat mode
RW
RW
ADGSEL0
RW
A/D input group select bit(4) 0 : Selects port P0 group (AN0 to AN7)
1 : Selects port P1 group (AN8 to AN11)
CH1
RW
CH0
CH2
RW
Analog input pin select bit
Refer to (4)
MD
A/D operation mode select
bit(2)
b7 b6 b5 b4 b3 b2 b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com