Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 370Page - Renesas Technology Corp R8C/20 Datasheet HTML 371Page - Renesas Technology Corp R8C/20 Datasheet HTML 372Page - Renesas Technology Corp R8C/20 Datasheet HTML 373Page - Renesas Technology Corp R8C/20 Datasheet HTML 374Page - Renesas Technology Corp R8C/20 Datasheet HTML 375Page - Renesas Technology Corp R8C/20 Datasheet HTML 376Page - Renesas Technology Corp R8C/20 Datasheet HTML 377Page - Renesas Technology Corp R8C/20 Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 501 page
background image
R8C/20 Group, R8C/21 Group
17. Hardware LIN
Rev.2.00 Aug 27, 2008
Page 358 of 458
REJ09B0250-0200
17.5
Interrupt Requests
There are four interrupt requests that are generated by the hardware LIN: Synch Break detection, Synch Break
generation completed, Synch Field measurement, and bus collision detection. These interrupts are shared with the
timer RA interrupt.
Table 17.2 lists the Interrupt Requests of Hardware LIN.
Table 17.2
Interrupt Requests of Hardware LIN
Interrupt Request
Status Flag
Cause of Interrupt
Synch Break Detection
SBDCT
Generated when timer RA has underflowed after measuring
the low level duration of RXD0 input, or when a low-level
signal is input for a duration longer than the Synch Break
period during communication.
Synch Break Generation
Completed
Generated when timer RA has completed outputting a low-
level signal to TXD0 for set period.
Synch Field Measurement
SFDCT
Generated when measurement for 8 bits of the Synch Field
by timer RA is completed.
Bus Collision Detection
BCDCT
Generated when the RXD0 input and TXD0 output values
differed at data latch timing while UART0 is enabled for
transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com