Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 369Page - Renesas Technology Corp R8C/20 Datasheet HTML 370Page - Renesas Technology Corp R8C/20 Datasheet HTML 371Page - Renesas Technology Corp R8C/20 Datasheet HTML 372Page - Renesas Technology Corp R8C/20 Datasheet HTML 373Page - Renesas Technology Corp R8C/20 Datasheet HTML 374Page - Renesas Technology Corp R8C/20 Datasheet HTML 375Page - Renesas Technology Corp R8C/20 Datasheet HTML 376Page - Renesas Technology Corp R8C/20 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 501 page
background image
R8C/20 Group, R8C/21 Group
17. Hardware LIN
Rev.2.00 Aug 27, 2008
Page 357 of 458
REJ09B0250-0200
17.4.4
Hardware LIN End Processing
Figure 17.12 shows an Example of Hardware LIN Communication Completion Flowchart.
Use the following timing for hardware LIN end processing:
• If the hardware bus collision detection function is used
Perform hardware LIN end processing after checksum transmission completes.
• If the bus collision detection function is not used
Perform hardware LIN end processing after header field transmission and reception complete.
Figure 17.12
Example of Hardware LIN Communication Completion Flowchart
Hardware LIN Clear the status flags
(Bus collision detection, Synch Break detection, Synch
Field measurement)
Bits B2CLR, B1CLR, B0CLR in the LINST register
← 1
Timer RA
Read the count status flag
TCSTF flag in TRACR register
UART0 Complete transmission via UART0
When the bus collision detection
function is not used, end
processing for the UART0
transmission is not required.
TCSTF = 0 ?
YES
NO
Set the timer to stop counting.
Zero to one cycle of the timer RA
count source is required after timer
RA starts counting before the
TCSTF flag is set to 1.
After clearing hardware LIN
statu s flag , sto p th e
hardware LIN operation.
Timer RA
Set the timer to stop counting
TSTART bit in TRACR register
← 0
Hardware LIN Set the LIN operation to stop
LINE bit in the LINCR register
← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com