Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 372Page - Renesas Technology Corp R8C/20 Datasheet HTML 373Page - Renesas Technology Corp R8C/20 Datasheet HTML 374Page - Renesas Technology Corp R8C/20 Datasheet HTML 375Page - Renesas Technology Corp R8C/20 Datasheet HTML 376Page - Renesas Technology Corp R8C/20 Datasheet HTML 377Page - Renesas Technology Corp R8C/20 Datasheet HTML 378Page - Renesas Technology Corp R8C/20 Datasheet HTML 379Page - Renesas Technology Corp R8C/20 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 501 page
background image
R8C/20 Group, R8C/21 Group
18. A/D Converter
Rev.2.00 Aug 27, 2008
Page 360 of 458
REJ09B0250-0200
18. A/D Converter
The A/D converter consists of one 10-bit successive approximation A/D converter circuit with a capacitive coupling
amplifier. The analog input shares the pins with P0_0 to P0_7, P1_0 to P1_3. Therefore, when using these pins, ensure
the corresponding port direction bits are set to 0 (input mode).
When not using the A/D converter, set the VCUT bit in the ADCON1 register to 0 (Vref unconnected), so that no
current will flow from the VREF pin into the resistor ladder, helping to reduce the power consumption of the chip.
The result of A/D conversion is stored in the AD register.
Table 18.1 lists the Performance of A/D Converter. Figure 18.1 shows the Block Diagram of A/D Converter. Figure
18.2 and Figure 18.3 show the A/D converter-related registers.
NOTES:
1. Analog input voltage does not depend on use of sample and hold function.
When analog input voltage exceeds reference voltage, A/D conversion result is 3FFh in 10-bit
mode, FFh in 8-bit mode.
2. The frequency of
φAD must be 10 MHz or below.
Without sample and hold function, the
φAD frequency should be 250 kHz or above.
With the sample and hold function, the
φAD frequency should be 1 MHz or above.
3. In repeat mode, only 8-bit mode can be used.
Table 18.1
Performance of A/D Converter
Item
Performance
A/D Conversion Method
Successive approximation (with capacitive coupling amplifier)
Analog Input Voltage(1)
0 V to AVCC
Operating Clock
φAD(2)
4.2 V
≤ AVCC ≤ 5.5 V f1, f2, f4, fOCO-F
2.7 V
≤ AVCC < 4.2 V f2, f4, fOCO-F
Resolution
8 bit or 10 bit is selectable
Absolute Accuracy
AVCC = Vref = 5 V,
φAD = 10MHz
• 8-bit resolution ±2 LSB
• 10-bit resolution ±3 LSB
AVCC = Vref = 3.3 V,
φAD = 10MHz
• 8-bit resolution ±2 LSB
• 10-bit resolution ±5 LSB
Operating Mode
One-shot and repeat modes(3)
Analog Input Pin
12 pins (AN0 to AN11)
A/D Conversion Start Condition • Software trigger
Set the ADST bit in the ADCON0 register to 1 (A/D conversion starts)
•Capture
Timer RD interrupt request is generated while the ADST bit is set to 1
Conversion Rate Per Pin
• Without sample and hold function
8-bit resolution: 49
φAD cycles, 10-bit resolution: 59φAD cycles
• With sample and hold function
8-bit resolution: 28
φAD cycles, 10-bit resolution: 33φAD cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com