Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 365Page - Renesas Technology Corp R8C/20 Datasheet HTML 366Page - Renesas Technology Corp R8C/20 Datasheet HTML 367Page - Renesas Technology Corp R8C/20 Datasheet HTML 368Page - Renesas Technology Corp R8C/20 Datasheet HTML 369Page - Renesas Technology Corp R8C/20 Datasheet HTML 370Page - Renesas Technology Corp R8C/20 Datasheet HTML 371Page - Renesas Technology Corp R8C/20 Datasheet HTML 372Page - Renesas Technology Corp R8C/20 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 501 page
background image
R8C/20 Group, R8C/21 Group
17. Hardware LIN
Rev.2.00 Aug 27, 2008
Page 353 of 458
REJ09B0250-0200
Figure 17.8
Example of Header Field Reception Flowchart (1)
Timer RA Set to pulse width measurement mode
Bits TMOD0 to TMOD2 in the TRAMR register
← 011b
Timer RA Set the pulse width measurement level low
TEDGSEL bit in the TRAIOC register
← 0
Timer RA Set the INT1/TRAIO pin to P1_5
TIOSEL bit in the TRAIOC register
← 1
Timer RA Set the count source (f1, f2, f8, fOCO)
TCK0 to 2 bits in the TRAMR register
Timer RA Set the Synch Break width
TRAPRE register
TRA register
Hardware LIN Set to slave mode
MST bit in the LINCR register
← 0
Hardware LIN Set the LIN operation to start
LINE bit in the LINCR register
← 1
Hardware LIN Set the RXD0 input unmasking timing
(After Synch Break detection, or after Synch
Field measurement)
SBE bit in the LINCR register
Hardware LIN Set the register to enable interrupts
(Bus collision detection, Synch Break
detection, Synch Field measurement)
Bits BCIE, SBIE, SFIE in the LINCR register
Set the count source and the TRA
and TRAPRE registers as suitable
for the Synch Break period.
Select the timing at which to
unmask the RXD0 input for UART0.
If the RXD0 input is chosen to be
unmasked after detection of Synch
Break, the Synch Field signal too is
input to UART0.
A
Hardware LIN Set the LIN operation to stop
LINE bit in the LINCR register
← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com