Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 381 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 377Page - Renesas Technology Corp R8C/20 Datasheet HTML 378Page - Renesas Technology Corp R8C/20 Datasheet HTML 379Page - Renesas Technology Corp R8C/20 Datasheet HTML 380Page - Renesas Technology Corp R8C/20 Datasheet HTML 381Page - Renesas Technology Corp R8C/20 Datasheet HTML 382Page - Renesas Technology Corp R8C/20 Datasheet HTML 383Page - Renesas Technology Corp R8C/20 Datasheet HTML 384Page - Renesas Technology Corp R8C/20 Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 501 page
background image
R8C/20 Group, R8C/21 Group
18. A/D Converter
Rev.2.00 Aug 27, 2008
Page 365 of 458
REJ09B0250-0200
Figure 18.4
ADCON0 Register in One-Shot Mode
A/D Control Register 0
(1)
Symbol
Address
After Reset
ADCON0
00D6h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
ADGSEL0 = 0
ADGSEL0 = 1
AN0
AN1
AN2
AN3
AN4
AN8
AN5
AN9
AN6
AN10
AN7
AN11
100b
101b
110b
111b
CH2 to CH0
000b
Do not set
001b
010b
011b
b0
0
b3 b2 b1
MD
A/D operation mode select
bit(2)
b7 b6 b5 b4
CH2
RW
Analog input pin select bit
Refer to (4)
0 : One-shot mode
RW
RW
ADGSEL0
RW
A/D input group select bit(4) 0 : Selects port P0 group (AN0 to AN7)
1 : Selects port P1 group (AN8 to AN11)
CH1
RW
CH0
ADCAP
A/D conversion automatic
start bit
0 : Starts in softw are trigger (ADST bit)
1 : Starts in timer RD
(complementary PWM mode)
RW
ADST
A/D conversion start flag
0 : Disables A/D conversion
1 : Starts A/D conversion
RW
Set øAD frequency to 10 MHz or below .
The analog input pin can be select according to a combination of the CH0 to CH2 bits and the ADGSEL0 bit.
CKS0
Frequency select bit 0
[When CKS1 in ADCON1 register = 0]
0 : Select f4
1 : Select f2
[When CKS1 in ADCON1 register = 1]
0 : Select f1(3)
1 : Select fOCO-F
RW
If the ADCON0 register is rew ritten during A/D conversion, the conversion result is indeterminate.
When changing A/D operation mode, set the analog input pin again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com