Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 359Page - Renesas Technology Corp R8C/20 Datasheet HTML 360Page - Renesas Technology Corp R8C/20 Datasheet HTML 361Page - Renesas Technology Corp R8C/20 Datasheet HTML 362Page - Renesas Technology Corp R8C/20 Datasheet HTML 363Page - Renesas Technology Corp R8C/20 Datasheet HTML 364Page - Renesas Technology Corp R8C/20 Datasheet HTML 365Page - Renesas Technology Corp R8C/20 Datasheet HTML 366Page - Renesas Technology Corp R8C/20 Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 501 page
background image
R8C/20 Group, R8C/21 Group
17. Hardware LIN
Rev.2.00 Aug 27, 2008
Page 347 of 458
REJ09B0250-0200
17.3
Register Configuration
The hardware LIN contains the following registers.
• LIN Control Register (LINCR)
• LIN Status Register (LINST)
Figure 17.2 and Figure 17.3 show the LINCR and LINST Registers.
Figure 17.2
LINCR Register
LIN Control Register
Symbol
Address
After Reset
LINCR
0106h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3. Input to timer RA and UART0 are prohibited immediately after the LINE bit is set to 1(Causes LIN to start operating).
Refer to Figure 17.5 Exam ple of Header Field Transm ission Flow chart (1) and Figure 17.9 Exam ple of
Header Field Reception Flow chart (2).
After setting the LSTART bit, confirm that the RXDSF flag is set to 1 before Synch Break input starts.
SBIE
BCIE
RXDSF
LSTART
0 : Unmasked after Synch Break is detected
1 : Unmasked after Synch Field measurement
is completed
Synch Break detection interrupt
enable bit
0 : Disables bus collision detection interrupt
1 : Enables bus collision detection interrupt
0 : RXD0 input enabled
1 : RXD0 input disabled
When this bit is set to 1, Timer RA input is
enabled and RXD0 input is disabled.
When read, its content is 0.
RxD0 input status flag
Synch Break detection start bit(1)
SFIE
0 : Disables Synch Break detection interrupt
1 : Enables Synch Break detection interrupt
0 : Disables Synch Field measurement-
completed interrupt
1 : Enables Synch Field measurement-
completed interrupt
RW
RW
RW
WO
RO
RW
RxD0 input unmasking timing
select bit
(effective in only slave mode)
b3 b2 b1 b0
SBE
Bus collision detection interrupt
enable bit
b7 b6 b5 b4
Before changing LIN operation modes, temporarily stop the LIN operation (LINE bit = 0).
Synch Field measurement-
completed interrupt enable bit
MST
RW
LINE
LIN operation start bit
0 : Causes LIN to stop
1 : Causes LIN to start operating(3)
RW
LIN operation mode setting bit(2)
0 : Slave mode
(Synch Break detection circuit actuated)
1 : Master mode
(timer RA output OR’ed w ith TxD0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com