Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 355Page - Renesas Technology Corp R8C/20 Datasheet HTML 356Page - Renesas Technology Corp R8C/20 Datasheet HTML 357Page - Renesas Technology Corp R8C/20 Datasheet HTML 358Page - Renesas Technology Corp R8C/20 Datasheet HTML 359Page - Renesas Technology Corp R8C/20 Datasheet HTML 360Page - Renesas Technology Corp R8C/20 Datasheet HTML 361Page - Renesas Technology Corp R8C/20 Datasheet HTML 362Page - Renesas Technology Corp R8C/20 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 343 of 458
REJ09B0250-0200
Figure 16.49
Example of Register Setting in Slave Receive Mode (I2C Bus Interface Mode)
End
RDRF = 1 ?
Slave receive mode
No
Yes
(1) Set the AAS bit to 0(1)
(2) Set the ACKBT bit to the transmit device
(3) Dummy-read to the ICDRR register
(4) Wait 1 byte is received
(5) Judge (last receive - 1)
(6) Read the receive data
(7) Set the ACKBT bit of the last byte(1)
(8) Read the receive data of (last byte - 1)
(9) Wait the last byte is received
(10) Read the receive data of the last byte
Dummy-read in ICDRR register
Read RDRF bit in ICSR register
Last receive
- 1 ?
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(10)
(9)
ICIER register ACKBT bit
← 0
No
Yes
Read ICDRR register
ICIER register
ACKBT bit
← 1
Read ICDRR register
Read RDRF bit in ICSR register
RDRF = 1 ?
Read ICDRR register
No
Yes
NOTE:
1. When receiving 1 byte, skip steps (2) to (6) after (1) and jump to process of step (7).
Process of step (8) is dummy-read in the ICDRR register.
ICSR register
AAS bit
← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com