Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 351Page - Renesas Technology Corp R8C/20 Datasheet HTML 352Page - Renesas Technology Corp R8C/20 Datasheet HTML 353Page - Renesas Technology Corp R8C/20 Datasheet HTML 354Page - Renesas Technology Corp R8C/20 Datasheet HTML 355Page - Renesas Technology Corp R8C/20 Datasheet HTML 356Page - Renesas Technology Corp R8C/20 Datasheet HTML 357Page - Renesas Technology Corp R8C/20 Datasheet HTML 358Page - Renesas Technology Corp R8C/20 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 339 of 458
REJ09B0250-0200
16.3.6
Bit Synchronization Circuit
When setting the I2C bus interface in master mode.
• When the SCL signal is driven to “L” by the slave device.
• Since the “H” period may become shorter while the SCL signal is driven to “L” by the slave device and the
rising speed of the SCL signal is lowered by the load (load capacity and pull-up resistor) of the SCL line,
the SCL signal is monitored and the communication synchronizes per bit.
Figure 16.45 shows the Timing of Bit Synchronous Circuit and Table 16.8 lists the Time between Changing
SCL Signal from “L” Output to High-Impedance and Monitoring of SCL Signal.
Figure 16.45
Timing of Bit Synchronous Circuit
1 Tcyc = 1/f1(s)
Table 16.8
Time between Changing SCL Signal from “L” Output to High-Impedance and
Monitoring of SCL Signal
ICCR1 Register
Time for Monitoring SCL
CKS3
CKS2
0
0
7.5 Tcyc
1
19.5 Tcyc
1
0
17.5 Tcyc
1
41.5 Tcyc
VIH
Basis clock of SCL
monitor timing
SCL
Internal SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com