| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 352 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 352 Page - Renesas Technology Corp |
|
352 / 501 page ![]() R8C/20 Group, R8C/21 Group 16. Clock Synchronous Serial Interface Rev.2.00 Aug 27, 2008 Page 336 of 458 REJ09B0250-0200 16.3.4.2 Transmit Operation In transmit mode, transmit data is output from the SDA pin synchronizing with the fall of the transfer clock. The transfer clock is output when the MST bit in the ICCR1 register is set to 1 and input when the MST bit is set to 0. Figure 16.42 shows the Operating Timing in Transmit Mode (Clock Synchronous Serial Mode). The transmit procedure and operation in transmit mode are shown below. (1) Set the ICE bit in the ICCR1 register to 1 (transfer operation enabled). Set the CKS0 to CKS3 bits in the ICCR1 register and set the MST bit (initial setting). (2) The TDRE bit in the ICSR register is set to 1 by selecting transmit mode after setting the TRS bit in the ICCR1 register to 1. (3) Data is transferred from the ICDRT to ICDRS registers and the TDRE bit is automatically set to 1 by writing transmit data to the ICDRT register after confirming that the TDRE bit is set to 1. When writing data to the ICDRT register every time the TDRE bit is set to 1, the continuous transmit is enabled. When switching from transmit to receive modes, set the TRS bit to 0 while the TDRE bit is set to 1. Figure 16.42 Operating Timing in Transmit Mode (Clock Synchronous Serial Mode) SDA (output) SCL 8 7 b7 b1 b0 12 ICDRT register ICDRS register Process by program 17 81 b6 b7 b0 b6 b0 TDRE bit in ICSR register 1 0 TRS bit in ICCR1 register 1 0 Data 1 Data 2 Data 3 Data 1 Data 2 Data 3 (2) Set TRS bit to 1 (3) Data write to ICDRT register (3) Data write to ICDRT register (3) Data write to ICDRT register (3) Data write to ICDRT register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |