Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 360Page - Renesas Technology Corp R8C/20 Datasheet HTML 361Page - Renesas Technology Corp R8C/20 Datasheet HTML 362Page - Renesas Technology Corp R8C/20 Datasheet HTML 363Page - Renesas Technology Corp R8C/20 Datasheet HTML 364Page - Renesas Technology Corp R8C/20 Datasheet HTML 365Page - Renesas Technology Corp R8C/20 Datasheet HTML 366Page - Renesas Technology Corp R8C/20 Datasheet HTML 367Page - Renesas Technology Corp R8C/20 Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 501 page
background image
R8C/20 Group, R8C/21 Group
17. Hardware LIN
Rev.2.00 Aug 27, 2008
Page 348 of 458
REJ09B0250-0200
Figure 17.3
LINST Register
LIN Status Register
Symbol
Address
After Reset
LINST
0107h
00h
Bit Symbol
Bit Name
Function
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
B2CLR
SBDCT
BCDCT
B0CLR
B1CLR
When this bit is set to 1, BCDCT bit is set to0.
When read, its content is 0.
Synch Break detection flag
Bus collision detection flag
SFDCT flag clear bit
RO
SBDCT flag clear bit
BCDCT flag clear bit
1 show s Synch Break detected or Synch
Break generation completed
1 show s Bus collision detected
When this bit is set to 1, SFDCT bit is set to 0.
When read, its content is 0.
When this bit is set to 1, SBDCT bit is set to 0.
When read, its content is 0.
b7 b6 b5 b4 b3 b2 b1 b0
—
(b7-b6)
—
1 show s Synch Field measurement completed.
SFDCT
Synch Field measurement-
completed flag
RO
WO
WO
WO
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com