Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 228 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 228 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 224Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 225Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 226Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 227Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 228Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 229Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 230Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 231Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 241 page
background image
Revision history
Table 133. Document revision history
Date
Revision
Changes
19-Mar-2024
1
Initial release.
27-Jun-2024
2
Updated Communication peripherals, Camera interface #1 and Graphics in
Section Features.
Updated Section 2: Description including Table 3. STM32MP25xC/F differences
per packages and Figure 1. STM32MP25xC/F block diagram.
Updated Section 3.4: Graphic processing unit (GPU).
Updated Section 3.7: DDR3L/DDR4/LPDDR4 controller (DDRCTRL).
Updated Table 5. Boot sources.
Updated Section 3.35: Digital camera interface with pixel processing (DCMIPP).
Updated Section 3.37: LCD-TFT display controller (LTDC).
Updated Section 3.39: LVDS display interface (LVDS).
Updated Table 8. USART/UART features.
Updated Table 19. Embedded reset and power control block characteristics.
Updated Table 20. Embedded reference voltage characteristics.
Updated Table 21. Embedded reference voltage calibration value.
Updated Table 22 to Table 34 in Section 6.3.5.1: Typical and maximum current
consumption.
Updated Table 35. D1 (CPU1) low-power mode wakeup timings.
Updated Table 36. D2 (CPU2) low-power mode wakeup timings.
Updated Table 40. Low-speed external (LSE) user clock characteristics (digital
bypass).
Updated Section 6.3.7.3: High-speed external clock generated from a crystal/
ceramic resonator including Table 42. High-speed external (HSE) oscillator
characteristics.
Updated Table 43. Low-speed external (LSE) oscillator characteristics.
Updated Table 47. MSI oscillator characteristics.
Updated Table 48. LSI oscillator characteristics.
Updated Table 49. PLL1 to PLL8 characteristics.
Updated Table 62. Output voltage characteristics for all I/Os.
Updated Table 79. Synchronous multiplexed PSRAM write timings.
Updated Figure 30. NAND controller waveforms for read access.
Updated Figure 31. NAND controller waveforms for write access.
Updated Section 6.3.20: OCTOSPI interface characteristics including Table 82 to
Table 84.
Updated Table 86. ADC characteristics.
Updated Table 87. ADC accuracy.
Updated Table 89. VREFBUF characteristics.
Updated Table 93. Voltage monitoring characteristics (VDDCORE, VDDCPU,
VDDGPU, PVD_IN, VDDA18ADC, VDDIO1/2/3/4, VDD33USB, VDD33UCPD).
Updated Table 94. Compensation cell characteristics.
Updated Section 6.3.29: Multi-function digital filter (MDF) characteristics including
Table 95. MDF characteristics.
Updated Section 6.3.30: Audio digital filter (ADF) characteristics including
Table 96. ADF characteristics.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
DS14284 - Rev 3
page 228/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com