Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 224 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 224 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 220Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 221Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 222Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 223Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 224Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 225Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 226Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 227Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 241 page
background image
Table 130. TFBGA436 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
-
-
1.20
-
-
0.0472
A1(3)
0.240
-
-
0.0094
-
-
b(4)
0.380
0.430
0.480
0.0150
0.0169
0.0189
D(5)
18.000 BSC
0.7087 BSC
D1(5)
16.800 BSC
0.6614 BSC
E(5)
18.000 BSC
0.7087 BSC
E1(5)
16.800 BSC
0.6614 BSC
e(5)(6)
0.800 BSC
0.0315 BSC
N(7)
436
SD(5)(8)
0.400 BSC
0.0157 BSC
SE(5)(8)
0.400 BSC
0.0157 BSC
aaa(9)
0.150
0.0059
ccc(9)
0.200
0.0079
ddd(9)
0.150
0.0059
eee(9)
0.150
0.0059
fff(9)
0.080
0.0031
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. The profile height, A, is the distance from the seating plane to the highest point on the package. It is measured
perpendicular to the seating plane
3. A1 is defined as the distance from the seating plane to the lowest point on the package body.
4. Dimension b is measured at the maximum diameter of the terminal (ball) in a plane parallel to primary datum C.
5. BSC stands for BASIC dimensions. It corresponds to the nominal value and has no tolerance. For tolerances refer to form
and position table
6. e(x) represents the solder ball grid pitch(es).
7. N represents the total number of balls on the BGA.
8. Basic dimensions SD(x) & SE(y) are defined with respect to datums A and B. They define the position of the centre ball(s) of
the ball matrix.
9. Tolerance of form and position drawing.
Figure 69. TFBGA436 - Footprint example
Dsm
Dpad
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Package information
DS14284 - Rev 3
page 224/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com