Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 151 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 147Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 148Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 149Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 150Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 151Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 152Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 153Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 154Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 241 page
background image
Table 62. Output voltage characteristics for all I/Os
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions(1) (2) (3) (4)
Min
Max Unit
VOL
Output low level voltage (3.3 V range, 2.7 < VDDx < 3.6 V)
IIO = 6.5 mA, Speed = 0b00
-
0.4
V
IIO = 10 mA, Speed = 0b01
-
0.4
IIO = 13 mA, Speed = 0b10
-
0.4
IIO = 20 mA, Speed = 0b11
-
0.4
VOH
Output high level voltage (3.3 V range, 2.7 < VDDx < 3.6 V)
IIO = 6.5 mA, Speed = 0b00 VDDx - 0.4
-
V
IIO = 10 mA, Speed = 0b01 VDDx - 0.4
-
V
IIO = 13 mA, Speed = 0b10 VDDx - 0.4
-
V
IIO = 20 mA, Speed = 0b11
VDDx - 0.4
-
V
VOL
Output low level voltage (1.8 V range, 1.71 < VDDx < 1.89 V)
IIO = 5.5 mA, Speed = 0b00
-
0.4
V
IIO = 8 mA, Speed = 0b01
-
0.4
V
IIO = 11 mA, Speed = 0b10
-
0.4
V
IIO = 16 mA, Speed = 0b11
-
0.4
V
VOH
Output high level voltage (1.8 V range, 1.71 < VDDx < 1.89 V)
IIO = 5.5 mA, Speed = 0b00 VDDx - 0.4
-
V
IIO = 8m A, Speed = 0b01
VDDx - 0.4
-
V
IIO = 11 mA, Speed = 0b10
VDDx - 0.4
-
V
IIO = 16 mA, Speed = 0b11
VDDx - 0.4
-
V
1. 110 <TJ < 120: 4 mA.
2. 90 < TJ < 110: 10 mA.
3. TJ < 90: 20 mA.
4. Maximum current depend on temperature.
6.3.16.3
Output buffer timing characteristics
Table 63. Output timing characteristics (VDD = 3.0 - 3.6 V or VDDIOx = 2.7 - 3.6 V, VDDIOxVRSEL = 0)
Evaluated by characterization, not tested in production unless otherwise specified.
Speed
Symbol
Parameter
Conditions
Min
Max
Unit
0b00
Fmax(1)
Maximum frequency
C = 50 pF
-
30
MHz
C = 40 pF
-
35
C = 30 pF
-
45
C = 20 pF
-
67
C = 10 pF
-
110
Tr/Tf(2)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF
-
11.7
ns
C = 40 pF
-
9.5
C = 30 pF
-
7.3
C = 20 pF
-
5.2
C = 10 pF
-
3
0b01
Fmax(1)
Maximum frequency
C = 50 pF
-
45
MHz
C = 40 pF
-
55
C = 30 pF
-
70
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 151/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com