Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 150 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 146Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 147Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 148Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 149Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 150Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 151Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 152Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 153Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 241 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RPD
Weak pull-down equivalent resistor(3)
2.7 < VDDx < 3.6 V
30
40
50
kΩ
1.71 < VDDx < 1.89 V
30
40
50
kΩ
CIO
I/O pin capacitance
-
-
5
-
pF
1. Guaranteed by testing.
2. Specified by design, not tested in production.
3. The pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimal (~10% order).
All I/Os are CMOS and TTL compliant (no software configuration required). Their characteristics cover more than
the strict CMOS-technology or TTL parameters. The coverage of these requirements for TT I/Os is shown in
Figure 20 .
Figure 20. VIL/VIH for TT I/Os
VILmax tested in production
VILmax tested in production
VILmax based on simulations
VILmax based on simulations
VIHmin tested in production
VIHmin tested in production
VIHmin based on simulations
VIHmin based on simulations
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
VILmax tested in production
VILmax based on simulations
VIHmin tested in production
VIHmin based on simulations
6.3.16.1
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to ±20 mA (depending on speed setup, supply
voltage range and temperature).
In the user application, I/O drive current must be limited to respect the absolute maximum rating specified in
Section 6.2 , in particular:
•
The sum of the currents sourced by all the I/Os on VDD, plus the maximum Run mode consumption of the
MCU sourced on VDD, cannot exceed the absolute maximum rating ΣIVDD (see Table 15 ).
•
The sum of the currents sunk by all the I/Os on VSS plus the maximum Run mode consumption of the MCU
sunk on VSS cannot exceed the absolute maximum rating ΣIVSS (see Table 15 ).
6.3.16.2
Output voltage levels
Unless otherwise specified, the parameters given in Table 62 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 17. General operating conditions . All I/Os are
CMOS and TTL compliant.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 150/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com