Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72016 Datasheet(PDF) 83 Page - Amphenol CIT.

Part # SS72016
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72016 Datasheet(HTML) 83 Page - Amphenol CIT.

Back Button SS72016 Datasheet HTML 79Page - Amphenol CIT. SS72016 Datasheet HTML 80Page - Amphenol CIT. SS72016 Datasheet HTML 81Page - Amphenol CIT. SS72016 Datasheet HTML 82Page - Amphenol CIT. SS72016 Datasheet HTML 83Page - Amphenol CIT. SS72016 Datasheet HTML 84Page - Amphenol CIT. SS72016 Datasheet HTML 85Page - Amphenol CIT. SS72016 Datasheet HTML 86Page - Amphenol CIT. SS72016 Datasheet HTML 87Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 144 page
background image
79
Aerospace | Military | Transportation | Industrial | Specialty
M27500 Cables—types MR and MS (M81381/7, /8 components)
Jacket material—12
M27500 - 22 MS1N12
Component wire AWG
Component wire type
MR: MIL-DTL-81381/7
MS : MIL-DTL-81381/8
: FEP/Polyimide Tape
Number of component wires
Shield material— N: Nickel-plated copper
S: Silver-plated copper
M27500 MR and MS cables
are shielded and
jacketed cables with a jacket of FEP/polyimide tape,
incorporating MIL-DTL-81381/7 or /8 wires.
These component wires have a light-weight
insulation of two layers of FEP/polyimide/FEP tape
with a polyimide hard coat for increased cut-through
and abrasion resistance, and silver- or nickel-plated
copper conductors.
Performance:
Voltage rating:
600V.
Temperature rating:
-55 to 200˚ C.
See page 58 for component wire dimensions.
Construction Details
Component wire conductor:
/7 component wires: Silver-plated copper;
/8 component wires: Nickel-plated copper.
Component wire insulation:
Two layers of FEP/polyimide/FEP tape with
modified aromatic polyimide coating.
Shield:
Nickel- or silver-plated copper braid, 85% coverage.
Jacket:
Natural polyimide/FEP tape, wrapped and
heat sealed, with polyimide outer surface.
Colors:
Color coded to M27500 (see page 67).
Certifications also available to NEMA WC27500.
Part Numbers:
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
10
(37/26)
.138 (3.51)
.147 (3.72)
37.9(56.46)
12
(37/28)
.115 (2.92)
.124 (3.14)
25.7(38.19)
14
(19/27)
.096 (2.44)
.105 (2.66)
17.7(26.40)
16
(19/29)
.083 (2.11)
.092 (2.33)
12.5(18.62)
18
(19/30)
.077 (1.96)
.086 (2.18)
10.6(15.71)
20
(19/32)
.067 (1.70)
.076 (1.92)
8.23(12.25)
22
(19/34)
.059 (1.50)
.068 (1.72)
5.82 (8.65)
24
(19/36)
.052 (1.32)
.061 (1.54)
4.84 (7.20)
26
(19/38)
.049 (1.24)
.058 (1.46)
4.31 (6.41)
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
10
(37/26)
.260 (6.60)
.269 (6.82)
74.2 (110)
12
(37/28)
.214 (5.44)
.223 (5.66)
50.2 (74.8)
14
(19/27)
.176 (4.47)
.185 (4.69)
34.0 (50.6)
16
(19/29)
.150 (3.81)
.159 (4.03)
23.7 (35.3)
18
(19/30)
.138 (3.51)
.147 (3.72)
19.7 (29.4)
20
(19/32)
.118 (3.00)
.127 (3.22)
14.3 (21.3)
22
(19/34)
.102 (2.59)
.111 (2.81)
10.8 (16.1)
24
(19/36)
.088 (2.24)
.097 (2.45)
7.96 (11.8)
26
(19/38)
.082 (2.08)
.091 (2.30)
6.85 (10.2)
Dimensions and Weight—1 Conductor Cables
Dimensions and Weight—2 Conductor Cables
Dimensions and Weight—3 Conductor Cables*
Dimensions and Weight—4 Conductor Cables
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
10
(37/26)
.282 (7.17)
.291 (7.39)
110 (164)
12
(37/28)
.229 (5.81)
.237 (6.03)
71.4 (106)
14
(19/27)
.188 (4.78)
.197 (4.99)
48.0 (71.5)
16
(19/29)
.160 (4.07)
.169 (4.28)
33.0 (49.1)
18
(19/30)
.147 (3.74)
.156 (3.96)
27.3 (40.6)
20
(19/32)
.126 (3.19)
.134 (3.41)
19.5 (29.0)
22
(19/34)
.108 (2.75)
.117 (2.97)
13.9 (20.7)
24
(19/36)
.093 (2.37)
.102 (2.59)
10.7 (15.9)
26
(19/38)
.087 (2.21)
.096 (2.43)
8.41 (12.5)
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
10
(37/26)
.314 (7.98)
.327 (8.29)
145 (216)
12
(37/28)
.259 (6.58)
.267 (6.79)
95.8 (143)
14
(19/27)
.209 (5.31)
.217 (5.52)
62.2 (92.6)
16
(19/29)
.177 (4.50)
.186 (4.73)
42.3 (63.0)
18
(19/30)
.163 (4.14)
.172 (4.36)
35.0 (52.1)
20
(19/32)
.139 (3.53)
.148 (3.75)
24.7 (36.8)
22
(19/34)
.120 (3.05)
.128 (3.26)
18.1 (27.0)
24
(19/36)
.103 (2.62)
.111 (2.83)
12.8 (19.0)
26
(19/38)
.096 (2.44)
.104 (2.65)
10.5 (15.7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com