Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72016 Datasheet(PDF) 13 Page - Amphenol CIT.

Part # SS72016
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72016 Datasheet(HTML) 13 Page - Amphenol CIT.

Back Button SS72016 Datasheet HTML 9Page - Amphenol CIT. SS72016 Datasheet HTML 10Page - Amphenol CIT. SS72016 Datasheet HTML 11Page - Amphenol CIT. SS72016 Datasheet HTML 12Page - Amphenol CIT. SS72016 Datasheet HTML 13Page - Amphenol CIT. SS72016 Datasheet HTML 14Page - Amphenol CIT. SS72016 Datasheet HTML 15Page - Amphenol CIT. SS72016 Datasheet HTML 16Page - Amphenol CIT. SS72016 Datasheet HTML 17Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 144 page
background image
9
Aerospace | Military | Transportation | Industrial | Specialty
Flight Test Cables
Almost any wire or cable in this catalog can be
supplied as a Flight Test cable, with industry-
standard orange jacket for identification.
As a leader in aerospace wire and cable, we can apply
our technical and manufacturing expertise to your
most demanding applications especially in severe
environments and high temperatures.
Our low-noise designs are especially suited to
flight test applications. Besides providing excellent
shielding, the design of these cables minimizes
triboelectric noise produced by cable movement.
Our expertise in sensor cable design helps ensure
that sensor data is transmitted cleanly to monitoring
or recording equipment.
Flight test cables can be supplied with our unique
LTE expanded PTFE dielectric for increased signal
speed and light weight (see page 3 for details).
We have a full range of thermocouple cables
designed to the new SAE AS5419 specification.
The material options listed on this page represent
typical choices for high-performance flight test
cables.
Please contact your Thermax representative with
your specific requirements.
Construction Options
Typical flight test cable materials:
Conductors:
Stranded or solid copper; high-strength
copper alloy; copper-clad steel.
Nickel, silver, tin, or 27% nickel plating.
Insulation:
ETFE; FEP; LTE;* PFA; PTFE; composite mica/glass.
*LTE is our proprietary expanded extruded
PTFE dielectric with enhanced performance
such as a dielectric constant of 1.38, and
velocity of propagation up to 85% (see
page 3 for more details).
Shields: Aluminum/Mylar foil; copper or high-strength
copper alloy braid, either flat or round wires.
Nickel, silver, or tin plated.
Custom combinations of shield types available
for enhanced shielding and crosstalk resistance.
Jackets: ETFE; FEP; PFA; PTFE; glass braid.
PTFE jackets available with our unique Seamless
Wrap PTFE tape (see page 2 for details).
Color: Orange with optional white stripe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com