Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72016 Datasheet(PDF) 6 Page - Amphenol CIT.

Part # SS72016
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72016 Datasheet(HTML) 6 Page - Amphenol CIT.

Back Button SS72016 Datasheet HTML 2Page - Amphenol CIT. SS72016 Datasheet HTML 3Page - Amphenol CIT. SS72016 Datasheet HTML 4Page - Amphenol CIT. SS72016 Datasheet HTML 5Page - Amphenol CIT. SS72016 Datasheet HTML 6Page - Amphenol CIT. SS72016 Datasheet HTML 7Page - Amphenol CIT. SS72016 Datasheet HTML 8Page - Amphenol CIT. SS72016 Datasheet HTML 9Page - Amphenol CIT. SS72016 Datasheet HTML 10Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 144 page
background image
2
Aerospace | Military | Transportation | Industrial | Specialty
Seamless Wrap high-performance PTFE tape technology
Thermax Seamless Wrap PTFE wire insulation and
cable jacket offers all the advantages of a tape wrap
with the smooth appearance and installation charac-
teristics of an extrusion.
Seamless Wrap features an outer surface that:
•
Looks and feels like an extruded jacket;
•
Reduces the possibility of damage during
installation or re-routing (no seams to snag);
•
Yields a more consistent final O.D. for cleaner
stripping, marking, and striping;
•
Accepts clear, permanent laser marking.
Because of its uniform cross section, Seamless Wrap
is superior to conventional wrapped tape in:
•
Consistent wall thickness;
•
Increased dielectric strength;
•
Enhanced wet and dry arc propagation resistance.
By eliminating the mechanical “weak points” of seams
in conventional wrapped tapes, Seamless Wrap:
•
Significantly improves abrasion resistance,
particularly wire-to-wire;
•
Eliminates delaminating of sintered tape layers;
•
Has enhanced crack resistance for use in SWAMP
and fire zone applications.
Wires and cables are available with Seamless Wrap
insulation and/or jackets as noted on the product
pages of this catalog.
Seamless Wrap PTFE tape:
Proven Technology
Seamless Wrap insulation
cuts clean and smooth
with no unraveling.
Clear, crisp laser marking enhanced
by smooth outer surface.
Seamless Wrap
provides superior abrasion resistance
300
2000
1500
1000
500
200
Weight (grams)
150
Standard tape wrapped wire ‘A’
Standard tape wrapped wire ‘B’
Thermax Seamless Wrap
Standard types A and B are PTFE tapes commonly utilized in
the construction of M22579/80–/92 wires.
Tested using the “Oscillating Rod” method. 100 samples of each
type tested; chart indicates average number of cycles to failure
for each type.
Relative Abrasion Results
Seamless Wrap
provides superior hydrolytic resistance
336
672
1008
1344
1680
2016
0
Hours Under Test
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
T60
613A
Seamless Wrap
Forced Hydrolysis / Insulation
Resistance, PTFE over Oasis HN Film



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com