Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72016 Datasheet(PDF) 32 Page - Amphenol CIT.

Part # SS72016
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72016 Datasheet(HTML) 32 Page - Amphenol CIT.

Back Button SS72016 Datasheet HTML 28Page - Amphenol CIT. SS72016 Datasheet HTML 29Page - Amphenol CIT. SS72016 Datasheet HTML 30Page - Amphenol CIT. SS72016 Datasheet HTML 31Page - Amphenol CIT. SS72016 Datasheet HTML 32Page - Amphenol CIT. SS72016 Datasheet HTML 33Page - Amphenol CIT. SS72016 Datasheet HTML 34Page - Amphenol CIT. SS72016 Datasheet HTML 35Page - Amphenol CIT. SS72016 Datasheet HTML 36Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 144 page
background image
28
Aerospace | Military | Transportation | Industrial | Specialty
MIL-W-16878/5 (Type EE) wire—heavy-wall extruded PTFE insulation
MIL-W-16878/5 (type EE)
wires have extruded
PTFE insulation (heavy wall thickness) for high-
temperature applications. PTFE insulation offers
high reliability with excellent thermal stability and
chemical resistance.
For medium-wall (type E) versions of these wires,
see M16878/4 (previous page); for thin-wall (type ET)
versions, see M16878/6 (next page).
Performance:
Voltage rating:
1,000V.
Temperature rating:
Silver-plated conductor: -55 to 200˚ C;
Nickel-plated conductor: -55 to 260˚ C.
Construction Details
Insulation:
Extruded PTFE, wall thickness .015 (.38 mm).
Conductor:
Silver-plated copper.
Colors:
Color coded to MIL-STD-104 (See page 26).
Options:
Nickel-plated copper conductor; silver or nickel-
plated high-strength copper alloy conductor;
sodium napthalene etched insulation for
bondability. Also available to NEMA HP-3-EEX.
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 m). Resistance in Ω/1,000 feet (Ω/Km), @20˚ C.
*
Add color coding per MIL-STD-104 (see page 26). ** Complies with the latest issue of MIL-W-16878 having no surface marking, and NEMA HP-3.
(REF) indicates alternate constructions conforming to,but not specifically contained in,MIL-W-16878. All values are nominal unless otherwise indicated.
Ordering Information:
Specify Thermax part number, M16878 number, and color.
To order with optional conductor materials:
For silver-plated high-strength copper conductor, change XT in Thermax part number to XTTF.
For nickel-plated copper conductor, change XT in Thermax part number to XTN.
For nickel-plated high-strength copper conductor, change XT in Thermax part number to XTTFN.
M16878
AWG
Stranding
Conductor
Insulation Diameter
Weight
Maximum
Thermax
P/N**
Size
Diameter
Minimum
Maximum
Resistance
P/N
M16878/5 BNL-*
8
133/29
.162 (4.11)
.199 (5.05)
.219 (5.56)
65.9 (98.1)
.658
(2.16)
8-XT-13329
M16878/5 BMG-*
10
37/26
.108 (2.74)
.137 (3.48)
.153 (3.89)
35.3 (52.5)
1.19
(3.90)
10-XT-3726
M16878/5 BLE-*
12
19/25
.084 (2.13)
.117 (2.97)
.133 (3.38)
24.8 (36.9)
1.81
(5.94)
12-XT-1925
M16878/5 BKE-*
14
19/27
.067 (1.70)
.098 (2.49)
.114 (2.90)
16.4 (24.4)
2.88
(9.45)
14-XT-1927
M16878/5 BJE-*
16
19/29
.053 (1.35)
.083 (2.11)
.095 (2.41)
11.1 (16.5)
4.52
(14.8)
16-XT-1929
M16878/5 BJA-*
16
SOLID
.051 (1.30)
.077 (1.96)
.089 (2.26)
10.8 (16.1)
6.60
(21.6)
16-XT-116
M16878/5 BHE-*
18
19/30
.047 (1.19)
.074 (1.88)
.084 (2.13)
8.67 (12.9)
5.79
(19.0)
18-XT-1930
M16878/5 BHB-*
18
7/26
.048 (1.22)
.074 (1.88)
.084 (2.13)
8.10 (12.1)
6.28
(20.6)
18-XT-726
M16878/5 BHA-*
18
SOLID
.040 (1.02)
.066 (1.68)
.076 (1.93)
7.46 (11.1)
4.20
(13.8)
18-XT-118
M16878/5 BGE-*
20
19/32
.038
(.97)
.064 (1.63)
.072 (1.83)
6.10 (9.08)
9.19
(30.1)
20-XT-1932
M16878/5 BGB-*
20
7/28
.038
(.97)
.064 (1.63)
.072 (1.83)
5.84 (8.69)
10.0
(32.8)
20-XT-728
M16878/5 BGA-*
20
SOLID
.032
(.81)
.058 (1.47)
.066 (1.68)
5.22 (7.77)
10.5
(34.4)
20-XT-120
M16878/5 BFE-*
22
19/34
.030
(.76)
.056 (1.42)
.064 (1.63)
4.32 (6.43)
15.1
(49.5)
22-XT-1934
M16878/5 BFB-*
22
7/30
.030
(.76)
.056 (1.42)
.064 (1.63)
4.18 (6.22)
15.9
(52.2)
22-XT-730
M16878/5 BFA-*
22
SOLID
.025
(.64)
.051 (1.30)
.060 (1.52)
3.74 (5.57)
17.0
(55.8)
22-XT-122
M16878/5 BEE-*
24
19/36
.024
(.61)
.050 (1.27)
.058 (1.47)
3.18 (4.73)
24.3
(79.7)
24-XT-1936
M16878/5 BEB-*
24
7/32
.024
(.61)
.050 (1.27)
.058 (1.47)
3.12 (4.64)
25.2
(82.7)
24-XT-732
M16878/5 BEA-*
24
SOLID
.020
(.51)
.046 (1.17)
.054 (1.37)
2.80 (4.17)
26.8
(87.9)
24-XT-124
M16878/5 BDE-*
26
19/38
.019
(.48)
.045 (1.14)
.053 (1.35)
2.48 (3.69)
38.4
(126)
26-XT-1938
M16878/5 BDB-*
26
7/34
.019
(.48)
.045 (1.14)
.053 (1.35)
2.40 (3.57)
40.5
(133)
26-XT-734
M16878/5 BDA-*
26
SOLID
.016
(.41)
.042 (1.07)
.050 (1.27)
2.16 (3.21)
42.7
(140)
26-XT-126
M16878/5 (REF)
28
19/40
.015
(.38)
.041 (1.04)
.049 (1.24)
1.95 (2.90)
63.1
(207)
28-XT-1940
M16878/5 BCB-*
28
7/36
.015
(.38)
.041 (1.04)
.049 (1.24)
1.89 (2.81)
63.8
(209)
28-XT-736
M16878/5 BCA-*
28
SOLID
.013
(.33)
.039
(.99)
.047 (1.19)
1.74 (2.59)
68.1
(223)
28-XT-128
M16878/5 (REF)
30
19/42
.012
(.31)
.038
(.97)
.046 (1.17)
1.60 (2.38)
96.1
(315)
30-XT-1942
M16878/5 BBB-*
30
7/38
.012
(.31)
.038
(.97)
.046 (1.17)
1.55 (2.31)
101
(330)
30-XT-738
M16878/5 BBA-*
30
SOLID
.010
(.25)
.036
(.91)
.044 (1.12)
1.43 (2.13)
108
(354)
30-XT-130
M16878/5 (REF)
32
19/44
.010
(.25)
.036
(.91)
.044 (1.12)
1.34 (1.99)
153
(502)
32-XT-1944
M16878/5 BAB-*
32
7/40
.009
(.23)
.036
(.91)
.044 (1.12)
1.29 (1.92)
173
(567)
32-XT-740
M16878/5 BAA-*
32
SOLID
.008
(.20)
.034
(.87)
.042 (1.07)
1.23 (1.83)
169
(554)
32-XT-132
Dimensions, Resistance, and Weights—M16878/5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com