Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72016 Datasheet(PDF) 46 Page - Amphenol CIT.

Part # SS72016
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72016 Datasheet(HTML) 46 Page - Amphenol CIT.

Back Button SS72016 Datasheet HTML 42Page - Amphenol CIT. SS72016 Datasheet HTML 43Page - Amphenol CIT. SS72016 Datasheet HTML 44Page - Amphenol CIT. SS72016 Datasheet HTML 45Page - Amphenol CIT. SS72016 Datasheet HTML 46Page - Amphenol CIT. SS72016 Datasheet HTML 47Page - Amphenol CIT. SS72016 Datasheet HTML 48Page - Amphenol CIT. SS72016 Datasheet HTML 49Page - Amphenol CIT. SS72016 Datasheet HTML 50Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 144 page
background image
42
Aerospace | Military | Transportation | Industrial | Specialty
MIL-W-22759/18, /19 wire—extruded thin-wall ETFE insulation
MIL-W-22759/18 and /19
wires have thin-wall
extruded ETFE insulation for aerospace and other
applications requiring light weight, tight diameter
tolerances, and enhanced mechanical toughness.
ETFE insulation also provides exceptional resistance
to radiation and chemicals.
See page 71 for a selection of M27500 shielded and
jacketed cables incorporating these wires.
Performance:
Voltage rating:
600V.
Temperature rating:
/18, /19: -55 to 150˚ C
Construction Details
Insulation:
thin-wall extruded ETFE.
Conductor:
/18: Tin-plated copper;
/19: Silver-plated, high strength copper alloy.
Colors:
Color coded to MIL-STD-104.
Identification:
to M22759.
M22759
AWG
Stranding
Conductor
Insulation Diameter
Weight
Maximum
Thermax
P/N
Size
Diameter
Minimum
Maximum
Resistance
P/N
M22759/18-10-*
10
37/26
.110 (2.79)
.131 (3.33)
.137 (3.48)
33.1
(49.3)
1.26 (4.13)
10-AMCFZ-3726
M22759/18-12-*
12
37/28
.086 (2.18)
.104 (2.64)
.110 (2.80)
21.0
(31.3)
2.02 (6.63)
12-AMCFZ-3728
M22759/18-14-*
14
19/27
.067 (1.70)
.083 (2.11)
.087 (2.21)
13.7
(20.4)
3.06 (10.0)
14-AMCFZ-1927
M22759/18-16-*
16
19/29
.053 (1.35)
.068 (1.73)
.072 (1.83)
8.93
(13.3)
4.81 (15.8)
16-AMCFZ-1929
M22759/18-18-*
18
19/30
.047 (1.19)
.059 (1.50)
.063 (1.60)
6.89
(10.3)
6.23 (20.4)
18-AMCFZ-1930
M22759/18-20-*
20
19/32
.038
(.97)
.049 (1.24)
.053 (1.35)
4.60
(6.85)
9.88 (32.4)
20-AMCFZ-1932
M22759/18-22-*
22
19/34
.030
(.76)
.041 (1.04)
.045 (1.14)
3.04
(4.52)
16.2 (53.1)
22-AMCFZ-1934
M22759/18-24-*
24
19/36
.024
(.61)
.034
(.86)
.038
(.97)
2.02
(3.01)
26.2 (85.9)
24-AMCFZ-1936
M22759/18-26-*
26
19/38
.019
(.48)
.030
(.76)
.034
(.86)
1.45
(2.26)
41.3
(135)
26-AMCFZ-1938
Dimensions, Resistance, and Weights—M22759/18 (tin-plated copper conductor)
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). Resistance in Ω/1,000 feet (Ω/Km), @20˚ C.
All values are nominal unless otherwise indicated.
*
Add color coding per MIL-STD-104 (see page 36).
M22759
AWG
Stranding
Conductor
Insulation Diameter
Weight
Maximum
Break
Thermax
P/N
Size
Diameter
Minimum
Maximum
Resistance
Strength
P/N
M22759/19-20-*
20
19/32
.038 (.97)
.049 (1.24) .053 (1.35) 4.45 (6.62)
10.7 (35.1)
58.1 (26.4)
20-AMCFTF-1932
M22759/19-22-*
22
19/34
.030 (.76)
.041 (1.04) .045 (1.14) 2.87 (4.27)
17.5 (57.4)
35.8 (16.2)
22-AMCFTF-1934
M22759/19-24-*
24
19/36
.024 (.61)
.034 (.86) .038 (.97) 1.92 (2.86)
28.4 (93.2)
22.4 (10.2)
24-AMCFTF-1936
M22759/19-26-*
26
19/38
.019 (.48)
.030 (.76) .034 (.86) 1.36 (2.02)
44.8 (147)
14.2 (6.44)
26-AMCFTF-1938
Dimensions, Resistance, and Weights—M22759/19 (silver-plated copper alloy conductor)
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). Resistance in Ω/1,000 feet (Ω/Km), @20˚ C.
Break strength in pounds (Kg) minimum.
All values are nominal unless otherwise indicated.
*
Add color coding per MIL-STD-104 (see page 36).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com