Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72016 Datasheet(PDF) 92 Page - Amphenol CIT.

Part # SS72016
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72016 Datasheet(HTML) 92 Page - Amphenol CIT.

Back Button SS72016 Datasheet HTML 88Page - Amphenol CIT. SS72016 Datasheet HTML 89Page - Amphenol CIT. SS72016 Datasheet HTML 90Page - Amphenol CIT. SS72016 Datasheet HTML 91Page - Amphenol CIT. SS72016 Datasheet HTML 92Page - Amphenol CIT. SS72016 Datasheet HTML 93Page - Amphenol CIT. SS72016 Datasheet HTML 94Page - Amphenol CIT. SS72016 Datasheet HTML 95Page - Amphenol CIT. SS72016 Datasheet HTML 96Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 144 page
background image
88
Aerospace | Military | Transportation | Industrial | Specialty
MIL-W-81822 wire
MIL-W-81822 (SAE AS81822)
wires have solid conductors for wire-wrap termination, with extruded
insulation of PTFE, PTFE with polyimide hardcoat, or ETFE. Each insulation type is available with a choice
of three silver-plated conductor materials (see below). All are rated at 300 volts.
Some sizes are available in thin-wall versions—these are noted in the tables on the following pages
as MIL-W-81822 numbers with “V” following the AWG size.
MIL-W-81822
Insulation
Conductor
Temperature
Page
Specification
Material
Material
Rating
Extruded PTFE with
Type A: Annealed solid ETP silver-plated copper
MIL-W-81822/4
polyimide “H” dip coating
Type B: Annealed solid OFHC silver-plated copper
200
89
MIL-W-81822/6
Extruded PTFE
Type C: Solid silver-plated high-strength
200
90
MIL-W-81822/13
Extruded ETFE
copper alloy (Alloy 135)
150
91
Construction characteristics—MIL-W-81822 wires
Temperature in ˚C.
MIL-W-81822 part numbering and example
M81822/6
–
A
30
–
9
AWG size
Letter
Material
A
Annealed solid ETP silver-plated copper
B
Annealed solid OFHC silver-plated copper
C
Solid silver-plated high-strength
copper alloy (Alloy 135)
Conductor material
Number
Color
0
Black
1
Brown
2
Red
3
Orange
4
Yellow
5
Green
6
Blue
7
Violet
8
Gray
9
White
Color code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com