Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72016 Datasheet(PDF) 39 Page - Amphenol CIT.

Part # SS72016
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72016 Datasheet(HTML) 39 Page - Amphenol CIT.

Back Button SS72016 Datasheet HTML 35Page - Amphenol CIT. SS72016 Datasheet HTML 36Page - Amphenol CIT. SS72016 Datasheet HTML 37Page - Amphenol CIT. SS72016 Datasheet HTML 38Page - Amphenol CIT. SS72016 Datasheet HTML 39Page - Amphenol CIT. SS72016 Datasheet HTML 40Page - Amphenol CIT. SS72016 Datasheet HTML 41Page - Amphenol CIT. SS72016 Datasheet HTML 42Page - Amphenol CIT. SS72016 Datasheet HTML 43Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
35
Aerospace | Military | Transportation | Industrial | Specialty
Type ET Cables—MIL-W-16878/6 components
Type ET cables
are shielded and jacketed cables with
extruded FEP or PTFE tape jackets, incorporating
MIL-W-16878/4 wires. These component wires are
insulated with extruded PTFE, and have either silver-
plated copper or nickel-plated copper conductors.
Cables with PTFE jackets are available with our unique
Seamless Wrap PTFE tape (see page 2 for details).
Performance:
Voltage rating:
250V.
Temperature ratings:
Silver-plated conductors and either jacket: -55 to 200˚ C.
Nickel-plated conductors and PTFE jacket: -55 to 260˚ C.
Nickel-plated conductors and and FEP jacket: -55 to 200˚ C.
See page 28 for component wire dimensions.
Construction Details
Component wire conductor:
Silver- or nickel-plated copper.
Component wire insulation:
Extruded PTFE.
Shield:
Silver-plated copper braid, 85% coverage.
Jacket:
Extruded FEP or PTFE tape.
Colors:
Component wires color coded to MIL-STD-104;
Jacket colors: White preferred; also available in
10 basic colors (see page 26).
20
-
MT -
1932
(3)
SXE
Component
wire AWG
Component wire—
MT:Silver-plated copper
MTN: Nickel-plated copper
Jacket material—STJ : PTFE tape; SXE: extruded FEP
Number of component wires
Component wire stranding (see tables)
Component Wire
Shield
Jacket
Weight
AWG
Stranding
Diameter
Diameter
20
19/32
.068 (1.73)
.086 (2.18)
10.1 (15.0)
22
19/34
.060 (1.52)
.078 (1.98)
7.37 (11.0)
24
19/36
.054 (1.37)
.072 (1.83)
6.28 (9.34)
26
19/38
.049 (1.24)
.067 (1.70)
5.16 (7.68)
28
7/36
.045 (1.14)
.063 (1.60)
4.20 (6.25)
30
7/38
.042 (1.07)
.060 (1.52)
3.78 (5.62)
32
7/40
.040 (1.02)
.058 (1.47)
3.56 (5.30)
34
7/42
.031
(.79)
.049 (1.24)
3.60 (3.87)
36
7/44
.030
(.76)
.048 (1.22)
2.56 (3.81)
Dimensions and Weight—1 Conductor Cables
Component Wire
Shield
Jacket
Weight
AWG
Stranding
Diameter
Diameter
20
19/32
.123 (3.12)
.141 (3.58)
18.4 (27.4)
22
19/34
.107 (2.72)
.125 (3.18)
14.3 (21.3)
24
19/36
.095 (2.41)
.113 (2.87)
11.1 (16.5)
26
19/38
.085 (2.16)
.103 (2.62)
9.34 (13.9)
28
7/36
.077 (1.96)
.095 (2.41)
8.10 (12.1)
30
7/38
.066 (1.68)
.084 (2.13)
5.91 (8.79)
32
7/40
.062 (1.57)
.080 (2.03)
5.15 (7.66)
34
7/42
.056 (1.42)
.074 (1.88)
4.45 (6.62)
36
7/44
.054 (1.37)
.072 (1.83)
4.38 (6.52)
Dimensions and Weight—2 Conductor Cables
Component Wire
Shield
Jacket
Weight
AWG
Stranding
Diameter
Diameter
20
19/32
.131 (3.31)
.149 (3.77)
24.7 (36.8)
22
19/34
.113 (2.88)
.131 (3.34)
18.2 (27.1)
24
19/36
.100 (2.55)
.118 (3.01)
14.5 (21.6)
26
19/38
.090 (2.28)
.108 (2.73)
11.7 (17.4)
28
7/36
.081 (2.06)
.099 (2.52)
9.41 (14.0)
30
7/38
.070 (1.77)
.088 (2.23)
7.71 (11.5)
32
7/40
.065 (1.66)
.083 (2.12)
6.33 (9.42)
34
7/42
.059 (1.49)
.077 (1.95)
5.43 (8.08)
36
7/44
.057 (1.44)
.075 (1.90)
5.33 (7.93)
Dimensions and Weight—3 Conductor Cables
Component Wire
Shield
Jacket
Weight
AWG
Stranding
Diameter
Diameter
20
19/32
.144 (3.64)
.162 (4.10)
31.0 (46.1)
22
19/34
.124 (3.16)
.142 (3.61)
22.4 (33.3)
24
19/36
.110 (2.79)
.128 (3.25)
17.3 (25.7)
26
19/38
.098 (2.48)
.116 (2.94)
14.2 (21.1)
28
7/36
.088 (2.24)
.106 (2.69)
11.9 (17.7)
30
7/38
.081 (2.05)
.099 (2.51)
9.48 (14.1)
32
7/40
.076 (1.93)
.094 (2.39)
8.50 (12.6)
34
7/42
.064 (1.62)
.082 (2.08)
6.15 (9.15)
36
7/44
.061 (1.56)
.079 (2.02)
6.03 (8.97)
Dimensions and Weight—4 Conductor Cables
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). • All values nominal unless otherwise indicated. • Dimensions calculated using a circumscribed circle.
Part Numbers:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com