Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72016 Datasheet(PDF) 90 Page - Amphenol CIT.

Part # SS72016
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72016 Datasheet(HTML) 90 Page - Amphenol CIT.

Back Button SS72016 Datasheet HTML 86Page - Amphenol CIT. SS72016 Datasheet HTML 87Page - Amphenol CIT. SS72016 Datasheet HTML 88Page - Amphenol CIT. SS72016 Datasheet HTML 89Page - Amphenol CIT. SS72016 Datasheet HTML 90Page - Amphenol CIT. SS72016 Datasheet HTML 91Page - Amphenol CIT. SS72016 Datasheet HTML 92Page - Amphenol CIT. SS72016 Datasheet HTML 93Page - Amphenol CIT. SS72016 Datasheet HTML 94Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 144 page
background image
86
Aerospace | Military | Transportation | Industrial | Specialty
M27500 Cables—type NL (M81381/22 components)
Jacket material—12
M27500 - 18NL
1T12
Component wire AWG
Component wire type
NL: MIL-DTL-81381/22
: FEP/Polyimide Tape
Number of component wires
Shield material—T: Tin-plated copper
M27500 NL cables
are shielded and jacketed cables
with a jacket of FEP/polyimide tape, incorporating
MIL-DTL-81381/22 wires.
These component wires have an insulation of two
layers of FEP/polyimide/FEP tape with a polyimide
hard coat for increased cut-through and abrasion
resistance.
The component wires have tin-plated copper
conductors.
Performance:
Voltage rating:
600V.
Temperature rating:
-55 to 150˚ C.
See page 64 for component wire dimensions.
Construction Details
Component wire conductor:
Tin-plated copper.
Component wire insulation:
Two layers of FEP/polyimide/FEP tape with
modified aromatic polyimide coating.
Shield:
Tin-plated copper braid, 85% coverage.
Jacket:
Natural polyimide/FEP tape, wrapped and
heat sealed, with polyimide outer surface.
Colors:
Color coded to M27500 (see page 67).
Certifications also available to NEMA WC27500.
Part Numbers:
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
10
(37/26)
.141 (3.58)
.150 (3.80)
39.4 (58.7)
12
(37/28)
.119 (3.02)
.128 (3.24)
26.7 (39.8)
14
(19/27)
.100 (2.54)
.109 (2.76)
18.8 (27.9)
16
(19/29)
.087 (2.21)
.096 (2.43)
13.6 (20.3)
18
(19/30)
.081 (2.06)
.090 (2.28)
11.4 (17.0)
20
(19/32)
.071 (1.80)
.080 (2.02)
8.52 (12.7)
22
(19/34)
.063 (1.60)
.072 (1.82)
6.37 (9.47)
24
(19/36)
.058 (1.47)
.067 (1.69)
5.16 (7.67)
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
10
(37/26)
.266 (6.76)
.275 (6.98)
77.4 (115)
12
(37/28)
.222 (5.64)
.231 (5.86)
52.1 (77.5)
14
(19/27)
.184 (4.67)
.193 (4.89)
36.1 (53.8)
16
(19/29)
.158 (4.01)
.167 (4.23)
25.8 (38.4)
18
(19/30)
.146 (3.71)
.155 (3.93)
21.5 (32.1)
20
(19/32)
.126 (3.20)
.135 (3.42)
15.5 (23.0)
22
(19/34)
.110 (2.79)
.119 (3.01)
11.4 (17.0)
24
(19/36)
.100 (2.54)
.109 (2.76)
9.34 (13.9)
Dimensions and Weight—1 Conductor Cables
Dimensions and Weight—2 Conductor Cables
Dimensions and Weight—3 Conductor Cables*
Dimensions and Weight—4 Conductor Cables
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
10
(37/26)
.289 (7.33)
.297 (7.55)
115 (171)
12
(37/28)
.237 (6.03)
.246 (6.25)
74.1 (110)
14
(19/27)
.197 (4.99)
.205 (5.21)
51.5 (76.6)
16
(19/29)
.169 (4.28)
.177 (4.50)
35.2 (52.3)
18
(19/30)
.156 (3.96)
.164 (4.18)
29.7 (44.1)
20
(19/32)
.134 (3.41)
.143 (3.63)
21.0 (31.3)
22
(19/34)
.117 (2.97)
.126 (3.19)
15.5 (23.0)
24
(19/36)
.106 (2.70)
.116 (2.92)
11.8 (17.5)
Component Wire
Shield
Jacket
Weight
AWG (Stranding)
Diameter
Diameter
10
(37/26)
.321 (8.15)
.334 (8.48)
151 (225)
12
(37/28)
.268 (6.80)
.277 (7.03)
99.6 (148)
14
(19/27)
.218 (5.54)
.227 (5.77)
66.1 (98.3)
16
(19/29)
.187 (4.75)
.196 (4.97)
45.2 (67.3)
18
(19/30)
.173 (4.39)
.181 (4.60)
37.8 (56.2)
20
(19/32)
.149 (3.78)
.157 (3.99)
26.7 (39.7)
22
(19/34)
.129 (3.28)
.138 (3.50)
19.4 (28.9)
24
(19/36)
.117 (2.91)
.126 (3.20)
14.7 (21.9)
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). All values are nominal. *Using factors from a circumscribed circle per M27500.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com