Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72016 Datasheet(PDF) 37 Page - Amphenol CIT.

Part # SS72016
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72016 Datasheet(HTML) 37 Page - Amphenol CIT.

Back Button SS72016 Datasheet HTML 33Page - Amphenol CIT. SS72016 Datasheet HTML 34Page - Amphenol CIT. SS72016 Datasheet HTML 35Page - Amphenol CIT. SS72016 Datasheet HTML 36Page - Amphenol CIT. SS72016 Datasheet HTML 37Page - Amphenol CIT. SS72016 Datasheet HTML 38Page - Amphenol CIT. SS72016 Datasheet HTML 39Page - Amphenol CIT. SS72016 Datasheet HTML 40Page - Amphenol CIT. SS72016 Datasheet HTML 41Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 144 page
background image
33
Aerospace | Military | Transportation | Industrial | Specialty
Type E Cables—MIL-W-16878/4 components
Type E cables
are shielded and jacketed cables with
extruded FEP or PTFE tape jackets, incorporating
MIL-W-16878/4 wires. These component wires are
insulated with extruded PTFE, and have either silver-
plated copper or nickel-plated copper conductors.
Cables with PTFE jackets are available with our unique
Seamless Wrap PTFE tape (see page 2 for details).
Performance:
Voltage rating:
600V.
Temperature ratings:
Silver-plated conductors and either jacket: -55 to 200˚ C.
Nickel-plated conductors and PTFE jacket: -55 to 260˚ C.
Nickel-plated conductors and and FEP jacket: -55 to 200˚ C.
See page 27 for component wire dimensions.
Construction Details
Component wire conductor:
Silver- or nickel-plated copper.
Component wire insulation:
Extruded PTFE.
Shield:
Silver-plated copper braid, 85% coverage.
Jacket:
Extruded FEP or PTFE tape.
Colors:
Component wires color coded to MIL-STD-104;
Jacket colors: White preferred; also available in
10 basic colors (see page 26).
10
-
TE
-
3726
(3)
SXE
Component
wire AWG
Component wire—
TE:Silver-plated copper
TEN: Nickel-plated copper
Jacket material—STJ : PTFE tape; SXE: extruded FEP
Component wire stranding (see tables)
Number of component wires
Component Wire
Shield
Jacket
Weight
AWG
Stranding
Diameter
Diameter
10
37/26
.161 (4.09)
.185 (4.70)
51.1 (76.0)
12
19/25
.125 (3.18
.147 (3.73)
34.9 (51.9)
14
19/27
.115 (2.92)
.137 (3.48)
25.2 (37.5)
16
19/29
.100 (2.54)
.122 (3.10)
18.0 (26.8)
18
19/30
.090 (2.29)
.110 (2.79)
15.7 (23.4)
20
19/32
.080 (2.03)
.100 (2.54)
11.8 (17.6)
22
19/34
.072 (1.83)
.092 (2.34)
9.69 (14.4)
24
19/36
.066 (1.68)
.086 (2.18)
8.55 (12.7)
26
19/38
.056 (1.42)
.076 (1.93)
6.30 (9.37)
28
7/36
.052 (1.32)
.072 (1.83)
5.14 (7.65)
30
7/38
.049 (1.24)
.069 (1.75)
4.78 (7.11)
32
7/40
.047 (1.19)
.067 (1.70)
4.49 (6.68)
Dimensions and Weight—1 Conductor Cables
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). • All values nominal unless otherwise indicated. • Dimensions calculated using a circumscribed circle.
Component Wire
Shield
Jacket
Weight
AWG
Stranding
Diameter
Diameter
10
37/26
.299 (7.59)
.329 (8.36)
98.0
(146)
12
19/25
.227 (5.77)
.251 (6.38)
66.5 (99.0)
14
19/27
.207 (5.26)
.231 (5.87)
46.5 (69.2)
16
19/29
.177 (4.50)
.199 (5.05)
33.4 (49.7)
18
19/30
.157 (3.99)
.179 (4.55)
27.8 (41.4)
20
19/32
.137 (3.48)
.159 (3.04)
21.3 (31.7)
22
19/34
.121 (3.07)
.143 (3.63)
16.5 (24.6)
24
19/36
.109 (2.77)
.131 (3.33)
13.8 (20.5)
26
19/38
.099 (2.51)
.121 (3.07)
11.7 (17.4)
28
7/36
.091 (2.31)
.113 (2.87)
9.56 (14.2)
30
7/38
.085 (2.16)
.107 (2.72)
8.73 (13.0)
32
7/40
.081 (2.06)
.103 (2.62)
6.71 (10.0)
Dimensions and Weight—2 Conductor Cables
Component Wire
Shield
Jacket
Weight
AWG
Stranding
Diameter
Diameter
10
37/26
.325 (8.25)
.357 (9.06)
140
(208)
12
19/25
.247 (6.28)
.273 (6.94)
94.0
(140)
14
19/27
.221 (5.61)
.245 (6.22)
64.3 (95.7)
16
19/29
.189 (4.79)
.213 (5.40)
46.1 (68.6)
18
19/30
.167 (4.24)
.189 (4.80)
37.7 (56.1)
20
19/32
.146 (3.70)
.168 (4.26)
28.2 (42.0)
22
19/34
.128 (3.26)
.150 (3.82)
21.6 (32.1)
24
19/36
.115 (2.93)
.137 (3.49)
17.3 (25.7)
26
19/38
.105 (2.66)
.127 (3.22)
14.8 (22.0)
28
7/36
.096 (2.44)
.118 (3.00)
11.8 (17.6)
30
7/38
.090 (2.28)
.112 (2.84)
10.5 (15.6)
32
7/40
.085 (2.17)
.107 (2.73)
9.36 (13.9)
Dimensions and Weight—3 Conductor Cables
Component Wire
Shield
Jacket
Weight
AWG
Stranding
Diameter
Diameter
10
37/26
.361 (9.16)
.393 (9.97)
180
(268)
12
19/25
.274 (6.96)
.302 (7.67)
122
(182)
14
19/27
.250 (6.34)
.276 (7.00)
82.7
(123)
16
19/29
.209 (5.30)
.235 (5.96)
58.1 (86.5)
18
19/30
.184 (4.69)
.206 (5.24)
47.3 (70.4)
20
19/32
.160 (4.07)
.182 (4.63)
35.0 (52.1)
22
19/34
.141 (3.58)
.163 (4.14)
26.3 (39.1)
24
19/36
.127 (3.22)
.149 (3.78)
21.2 (31.5)
26
19/38
.115 (2.91)
.137 (3.47)
17.8 (26.5)
28
7/36
.105 (2.67)
.127 (3.22)
14.1 (21.0)
30
7/38
.098 (2.48)
.120 (3.04)
12.6 (18.7)
32
7/40
.093 (2.36)
.115 (2.92)
11.5 (17.1)
Dimensions and Weight—4 Conductor Cables
Part Numbers:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com