Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5553 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC5553_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Electrical Characteristics
Freescale Semiconductor
14
24
Input capacitance (digital pins)
CIN
—7
pF
25
Input capacitance (analog pins)
CIN_A
—10
pF
26
Input capacitance
(Shared digital and analog pins AN[12]_MA[0]_SDS,
AN[12]_MA[1]_SDO, AN[14]_MA[2]_SDI, and AN[15]_FCK)
CIN_M
—12
pF
27a Operating current5 1.5 V supplies @ 132 MHz:
VDD (including VDDF max current)
6, 7 @1.65 V typical use
VDD (including VDDF max current)
6, 7 @1.35 V typical use
VDD (including VDDF max current)
7, 8 @1.65 V high use
VDD (including VDDF max current)
7, 8@1.35 V high use
IDD
IDD
IDD
IDD
5509
4509
6009
4909
mA
mA
mA
mA
27b Operating current 51.5 V supplies @ 114 MHz:
VDD (including VDDF max current)
6, 7@1.65 V typical use
VDD (including VDDF max current)
6, 7@1.35 V typical use
VDD (including VDDF max current)
7, 8 @1.65 V high use
VDD (including VDDF max current)
7, 8 @1.35 V high use
IDD
IDD
IDD
IDD
4609
3809
5209
4209
mA
mA
mA
mA
27c Operating current5 1.5 V supplies @ 82 MHz:
VDD (including VDDF max current)
6, 7 @1.65 V typical use
VDD (including VDDF max current)
6, 7 @1.35 V typical use
VDD (including VDDF max current)
7, 8 @1.65 V high use
VDD (including VDDF max current)
7, 8 @1.35 V high use
IDD
IDD
IDD
IDD
3509
2909
4009
3309
mA
mA
mA
mA
27d Refer to Figure 3 for an interpolation of this data. 10
IDDSTBY @ 25
o C
VSTBY @ 0.8 V
VSTBY @ 1.0 V
VSTBY @ 1.2 V
IDDSTBY @ 60
o C
VSTBY @ 0.8 V
VSTBY @ 1.0 V
VSTBY @ 1.2 V
IDDSTBY @ 150
o C (Tj)
VSTBY @ 0.8 V
VSTBY @ 1.0 V
VSTBY @ 1.2 V
IDDSTBY
IDDSTBY
IDDSTBY
IDDSTBY
IDDSTBY
IDDSTBY
IDDSTBY
IDDSTBY
IDDSTBY
20
30
50
70
100
200
1200
1500
2000
μA
μA
μA
μA
μA
μA
μA
μA
μA
28
Operating current 3.3 V supplies @ 132 MHz
VDD33
11
IDD33
—2 + (values
derived from
procedure of
Footnote 11)
mA
VFLASH
IVFLASH
—10
mA
VDDSYN
IDDSYN
—15
mA
Table 9. DC Electrical Specifications (continued)
Spec
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com