Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5553 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5553_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Freescale Semiconductor
Data Sheet: Product Preview
Document Number: MPC5553
Rev. 2,
03/2007
Contents
© Freescale Semiconductor, Inc., 200
7. All rights reserved.
This document provides electrical specifications, pin
assignments, and package diagrams for the MPC5553
microcontroller device. For functional characteristics,
refer to the MPC5553/MPC5554 Microcontroller
Reference Manual.
1
Overview
The MPC5553 microcontroller (MCU) is a member of
the MPC5500 family of microcontrollers built on the
Power Architecture™ embedded technology. This
family of parts contains many new features coupled with
high performance CMOS technology to provide
substantial reduction of cost per feature and significant
performance improvement over the MPC500 family.
The host processor core of this device complies with the
Power Architecture embedded category that is 100%
user-mode compatible (with floating point library) with
the original Power PC™ user instruction set architecture
(UISA). The embedded architecture has enhancements
that improve the performance in embedded applications.
This core also has additional instructions, including
digital signal processing (DSP) instructions, beyond the
original Power PC instruction set. This family of parts
1
Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.1
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.2
Thermal Characteristics. . . . . . . . . . . . . . . . . . . . . . 6
3.3
Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3.4
Electromagnetic Interference Characteristics . . . . . 9
3.5
ESD Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 9
3.6
VRC/POR Electrical Specifications . . . . . . . . . . . . 10
3.7
Power-Up/Down Sequencing . . . . . . . . . . . . . . . . 11
3.8
DC Electrical Specifications. . . . . . . . . . . . . . . . . . 13
3.9
Oscillator and FMPLL Electrical Characteristics . . 20
3.10 eQADC Electrical Characteristics . . . . . . . . . . . . . 22
3.11 H7Fa Flash Memory Electrical Characteristics . . . 23
3.12 AC Specifications . . . . . . . . . . . . . . . . . . . . . . . . . 24
3.13 AC Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
3.14 Fast Ethernet AC Timing Specifications . . . . . . . . 46
4
Mechanicals. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
4.1
Pinouts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
4.2
Package Dimensions. . . . . . . . . . . . . . . . . . . . . . . 56
MPC5553
Microcontroller Data Sheet
by: Microcontroller Division


Similar Part No. - MPC5553_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5553AVF112 FREESCALE-MPC5553AVF112 Datasheet
1Mb / 60P
Microcontroller
MPC5553AVF112R2 FREESCALE-MPC5553AVF112R2 Datasheet
1Mb / 60P
Microcontroller
MPC5553AVF132 FREESCALE-MPC5553AVF132 Datasheet
1Mb / 60P
Microcontroller
MPC5553AVF132R2 FREESCALE-MPC5553AVF132R2 Datasheet
1Mb / 60P
Microcontroller
MPC5553AVF80 FREESCALE-MPC5553AVF80 Datasheet
1Mb / 60P
Microcontroller
More results

Similar Description - MPC5553_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MPC5674F FREESCALE-MPC5674F Datasheet
1Mb / 132P
MPC5674F Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
MPC5566MVR132 FREESCALE-MPC5566MVR132 Datasheet
1Mb / 66P
MPC5566 Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5602P NXP-MPC5602P Datasheet
2Mb / 95P
MPC5602P Microcontroller Data Sheet
Rev. 6,12/2012
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com