Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5553 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC5553_07 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Electrical Characteristics
Freescale Semiconductor
40
Figure 19. DSPI Classic SPI Timing—Master, CPHA = 0
1 All DSPI timing specifications use the fastest slew rate (SRC = 0b11) on pad type M or MH. DSPI signals using pad types of
S or SH have an additional delay based on the slew rate. DSPI timing is specified at VDD = 1.35–1.65 V, VDDEH = 3.0–5.5 V,
VDD33 and VDDSYN = 3.0–3.6 V, TA = TL to TH, and CL = 50 pF with SRC = 0b11.
2 The minimum SCK cycle time restricts the baud rate selection for the given system clock rate.
These numbers are calculated based on two MPC55xx devices communicating over a DSPI link.
3 The actual minimum SCK cycle time is limited by pad performance.
4 The maximum value is programmable in DSPI_CTARx[PSSCK] and DSPI_CTARx[CSSCK].
5 The maximum value is programmable in DSPI_CTARx[PASC] and DSPI_CTARx[ASC].
6 This number is calculated using the SMPL_PT bit field in DSPI_MCR set to 0b10.
Data
Last data
First data
First data
Data
Last data
SIN
SOUT
PCSx
SCK output
4
9
12
1
11
10
4
SCK output
(CPOL=0)
(CPOL=1)
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com